Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD1606MVV Arkusz danych(PDF) 1 Page - Rohm

Numer części BD1606MVV
Szczegółowy opis  Backlight LED Driver for Small LCD Panels (Charge Pump Type)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD1606MVV Arkusz danych(HTML) 1 Page - Rohm

  BD1606MVV Datasheet HTML 1Page - Rohm BD1606MVV Datasheet HTML 2Page - Rohm BD1606MVV Datasheet HTML 3Page - Rohm BD1606MVV Datasheet HTML 4Page - Rohm BD1606MVV Datasheet HTML 5Page - Rohm BD1606MVV Datasheet HTML 6Page - Rohm BD1606MVV Datasheet HTML 7Page - Rohm BD1606MVV Datasheet HTML 8Page - Rohm BD1606MVV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/11
www.rohm.com
2011.04 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
LED Drivers for LED Backlights
Backlight LED Driver
for Small LCD Panels (Charge Pump Type)
BD1606MVV
Description
The multi-level brightness control white LED driver not only ensures efficient boost by automatically changing the boost rate
but also works as a constant current driver in 64 steps, so that the driving current can be adjusted finely. This IC is best
suited to turn on white LEDs that require high-accuracy LED brightness control.
Features
1) A 6 parallel LED driver is mounted
2) 64-step LED current adjust function
3) Inter-LED relative current accuracy: 3% or less
4) LED individual lighting/dimming control via a I
2C BUS interface
5) Automatic transition charge pump type DC/DC converter (×1,×1.5 and ×2)
6) High efficiency achieved (90% or more at maximum)
7) Various protection functions such as output voltage protection, overcurrent limiter and thermal shutdown circuit are mounted.
8) Small QFN package
Applications
This driver is applicable for various fields such as mobile phones, portable game machines and white goods.
Absolute Maximum Rating (Ta=25℃)
Parameter
Symbol
Limits
Unit
Power supply voltage
VMAX
7
V
Operating temperature range
Topr
-30 ~ +85
Storage temperature range
Tstg
-55 ~ +150
Power dissipation
Pd
780 (*1)
mW
(*1) When a glass epoxy substrate (70mm × 70mm × 1.6mm) has been mounted,
this loss will decrease 6.2mW/℃ if Ta is higher than or equal to 25℃.
Recommended Operation Range (Ta=-30℃ to +85℃)
Parameter
Symbol
Limits
Unit
Operating power supply voltage
VCC
2.7~5.5
V
No.11040EAT24


Podobny numer części - BD1606MVV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1606MVV ROHM-BD1606MVV Datasheet
335Kb / 6P
   6-Parallel white-LED Driver for mobile phone
More results

Podobny opis - BD1606MVV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6095GUL ROHM-BD6095GUL_11 Datasheet
657Kb / 42P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1604MUV ROHM-BD1604MUV_11 Datasheet
393Kb / 11P
   Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com