Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2802GU Arkusz danych(PDF) 3 Page - Rohm

Numer części BD2802GU
Szczegółowy opis  6LEDs Illumination
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD2802GU Arkusz danych(HTML) 3 Page - Rohm

  BD2802GU Datasheet HTML 1Page - Rohm BD2802GU Datasheet HTML 2Page - Rohm BD2802GU Datasheet HTML 3Page - Rohm BD2802GU Datasheet HTML 4Page - Rohm BD2802GU Datasheet HTML 5Page - Rohm BD2802GU Datasheet HTML 6Page - Rohm BD2802GU Datasheet HTML 7Page - Rohm BD2802GU Datasheet HTML 8Page - Rohm BD2802GU Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Technical Note
3/27
www.rohm.com
2011.04 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD2802GU
Block Diagram / Application Circuit example
Fig.3 Block Diagram / Application Circuit example
Pin Arrangement [Bottom View]
VBAT2
I
2C interface
IREF
TSD
R1LED
RGB1
RGBGND
Digital Control
1µF/10V
Level
Shift
VIO
RESETB
SCL
SDA
VBAT
RGB1CNT
G1LED
B1LED
R2LED
G2LED
VBAT1
B2LED
VREF
I/O
RGB2
RGB2CNT
ADDSEL
Slope
Control
(RGB1)
VBAT
Slope
Control
(RGB2)
RGBISET
CLKIO
CLKIO
1µF/10V
E
T4
G2LED RGBGND
G1LED
T3
D
B2LED
R2LED
B1LED
R1LED
VBAT1
C VBAT2 RGBISE RGB1CNT ADDSEL GND2
B
GND1
index
CLKIO
SCL
SDA
A
T1
RGB2CNT
VIO
RESETB
T2
1
2
3
4
5


Podobny numer części - BD2802GU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
BD280-1130-10/16 MACOM-BD280-1130-10/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1016 MACOM-BD280-1130-1016 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-15/16 MACOM-BD280-1130-15/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1516 MACOM-BD280-1130-1516 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-20/16 MACOM-BD280-1130-20/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results

Podobny opis - BD2802GU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Visual Communications C...
1092 VCC-1092 Datasheet
872Kb / 5P
   LED illumination
logo
Cree, Inc
450TR5050M-S18000 CREE-450TR5050M-S18000_16 Datasheet
385Kb / 5P
   General Illumination
logo
Schurter Inc.
PSEAE30 SCHURTER-PSEAE30 Datasheet
550Kb / 4P
   The indicators are available with Lettering, Point Illumination Ring Illumination or Area Illumination
logo
E-SWITCH
52-PV8F2T1SS335 E-SWITCH-52-PV8F2T1SS335 Datasheet
136Kb / 1P
   ILLUMINATION COLOR: GREEN
52-PV6F240SSG241 E-SWITCH-52-PV6F240SSG241 Datasheet
202Kb / 1P
   ILLUMINATION COLOR: BLUE
logo
OSRAM GmbH
SFH4645EN OSRAM-SFH4645EN Datasheet
496Kb / 13P
   Infrared Illumination for cameras
logo
PARA LIGHT ELECTRONICS ...
6000K_CR07C-P1C54-EC000 PARALIGHT-6000K_CR07C-P1C54-EC000 Datasheet
869Kb / 12P
   Uniform high quality illumination
CS20C-P1C28-DB000 PARALIGHT-CS20C-P1C28-DB000 Datasheet
556Kb / 12P
   Uniform high quality illumination
3000K_CR07W-P1C54-CC000 PARALIGHT-3000K_CR07W-P1C54-CC000 Datasheet
944Kb / 12P
   Uniform high quality illumination
CR07W-P1C54-CD000 PARALIGHT-CR07W-P1C54-CD000 Datasheet
536Kb / 12P
   Uniform high quality illumination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com