Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD3004HFP Arkusz danych(PDF) 7 Page - Rohm

Numer części BD3004HFP
Szczegółowy opis  Regulators with Voltage Detector and Watchdog Timer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD3004HFP Arkusz danych(HTML) 7 Page - Rohm

  BD3004HFP_06 Datasheet HTML 1Page - Rohm BD3004HFP_06 Datasheet HTML 2Page - Rohm BD3004HFP_06 Datasheet HTML 3Page - Rohm BD3004HFP_06 Datasheet HTML 4Page - Rohm BD3004HFP_06 Datasheet HTML 5Page - Rohm BD3004HFP_06 Datasheet HTML 6Page - Rohm BD3004HFP_06 Datasheet HTML 7Page - Rohm BD3004HFP_06 Datasheet HTML 8Page - Rohm BD3004HFP_06 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/8
Operation Notes
1.
Absolute maximum ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc., can
break down the devices, thus making impossible to identify breaking mode, such as a short circuit or an open circuit. If
any over rated values will expect to exceed the absolute maximum ratings, consider adding circuit protection devices,
such as fuses.
2. GND voltage
The potential of GND pin must be minimum potential in all operating conditions.
3. Thermal design
Use a thermal design that allows for a sufficient margin in light of the power dissipation (Pd) in actual operating conditions.
4.
Inter-pin shorts and mounting errors
Use caution when positioning the IC for mounting on printed circuit boards. The IC may be damaged if there is any connection error or if
pins are shorted together.
5. Actions in strong electromagnetic field
Use caution when using the IC in the presence of a strong electromagnetic field as doing so may cause the IC to malfunction.
6. Testing on application boards
When testing the IC on an application board, connecting a capacitor to a pin with low impedance subjects the IC to stress. Always
discharge capacitors after each process or step. Always turn the IC's power supply off before connecting it to or removing it from a jig or
fixture during the inspection process. Ground the IC during assembly steps as an antistatic measure. Use similar precaution when
transporting or storing the IC.
7. Regarding input pin of the IC
This monolithic IC contains P+ isolation and P substrate layers between adjacent elements in order to keep them isolated.
P-N junctions are formed at the intersection of these P layers with the N layers of other elements, creating a parasitic diode or transistor.
For example, the relation between each potential is as follows:
When GND > Pin A and GND > Pin B, the P-N junction operates as a parasitic diode.
When GND > Pin B, the P-N junction operates as a parasitic transistor.
Parasitic diodes can occur inevitable in the structure of the IC. The operation of parasitic diodes can result in mutual interference among
circuits, operational faults, or physical damage. Accordingly, methods by which parasitic diodes operate, such as applying a voltage that
is lower than the GND (P substrate) voltage to an input pin, should not be used.
8. Ground Wiring Pattern
When using both small signal and large current GND patterns, it is recommended to isolate the two ground patterns, placing a single
ground point at the ground potential of application so that the pattern wiring resistance and voltage variations caused by large currents do
not cause variations in the small signal ground voltage. Be careful not to change the GND wiring pattern of any external components,
either.
9. Thermal shutdown circuit (TSD)
The IC incorporates a built-in thermal shutdown circuit (TSD circuit). The thermal shutdown circuit (TSD circuit) is designed only to shut
the IC off to prevent runaway thermal operation. It is not designed to protect the IC or guarantee its operation. Do not continue to use the
IC after operating this circuit or use the IC in an environment where the operation of this circuit is assumed.. (See Fig. 12)
10. Overcurrent protection circuit (OCP)
The IC incorporates a built-in overcurrent protection circuit that operates according to the output current capacity. This circuit serves to
protect the IC from damage when the load is shorted. The protection circuit is designed to limit current flow by not latching in the event of
a large and instantaneous current flow originating from a large capacitor or other component. These protection circuits are effective in
preventing damage due to sudden and unexpected accidents. However, the IC should not be used in applications characterized by the
continuous operation or transitioning of the protection circuits. At the time of thermal designing, keep in mind that the current capability
has negative characteristics to temperatures. (See Fig. 3)
11. Negative surge application to Vcc pin
The IC incorporates a built-in reverse connection breakdown prevention circuit that prevents IC damage even if Vcc carries a lower
voltage than the GND pin. However, note that the absolute maximum rating for the negative power supply voltage is -15 V.
12. Back current flow when the Vcc power supply is suddenly interrupted
These ICs limit generation of back current flow when the Vcc power supply is suddenly interrupted to protect the IC from damage. Sinking
current is also limited, making the series compatible with designs where high-capacitance capacitors are used to lengthen the amount of
time over which the output voltage can be maintained.
GND
N
P
N
N
P+
P+
Parasitic element
or transistor
P substrate
(Pin B)
C
B
E
Transistor (NPN)
Parasitic element
(Pin A)
GND
N
P
N
N
P+
P+
Resistor
P
Parasitic element
(Pin A)
Parasitic element or
transistor
(Pin B)
GND
C
B
E
Fig. 18 Example of IC structure


Podobny numer części - BD3004HFP_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
More results

Podobny opis - BD3004HFP_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com