Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD3883FS Arkusz danych(PDF) 2 Page - Rohm

Numer części BD3883FS
Szczegółowy opis  Sound Processors with Built-in 3-band Equalizers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD3883FS Arkusz danych(HTML) 2 Page - Rohm

  BD3883FS Datasheet HTML 1Page - Rohm BD3883FS Datasheet HTML 2Page - Rohm BD3883FS Datasheet HTML 3Page - Rohm BD3883FS Datasheet HTML 4Page - Rohm BD3883FS Datasheet HTML 5Page - Rohm BD3883FS Datasheet HTML 6Page - Rohm BD3883FS Datasheet HTML 7Page - Rohm BD3883FS Datasheet HTML 8Page - Rohm BD3883FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Technical Note
2/15
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3403FV,BD3861FS,BD3883FS
Electrical characteristics
BD3403FV
VCC=9V, f=1KHz, VIN=1Vrms, Rg=600Ω, RL=10kΩ, Ta=25℃, Input Gain=0dB, VOL=0dB,
Bass, Middle, Treble=0dB, Surround=OFF, unless otherwise noted.
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Circuit Current
IQ
-
16.0
30.0
mA
At no signal
Output Voltage Gain
GV
-1.5
0.0
1.5
dB
GV
20log(VOUT/VIN)
Total Harmonic Distortion ratio
THD
-
0.02
0.08
%
400 to 30kHz BPF
Maximum Output Voltage
VOM
2.0
2.5
-
Vrms
THD
1%
Output Noise Voltage
VNO
-
1.8
6.0
µVrms Rg
0kΩ, IHF-A
Cross-talk between Channels
CT
-
3.0
9.0
µVrms Rg
0kΩ, IHF-A
6dBSW Gain
GV6
5
6
7
dB
VIN
200mVrms
GV6
20log(VOUT/VIN)
Input Voltage Gain 1
GvmaxI1
-1
*2
+1
dB
VIN
200mVrms, From 0 to 10dB
GvmaxI1=20log(VOUT/VIN)
Input Voltage Gain 2
GvmaxI2
-1.5
*2
+1.5
dB
VIN
200mVrms
From 12 to 26dB
GvmaxI2
20log(VOUT/VIN)
Input Gain Switching Step
GvmaxIst
-
2
-
dB
From 0 to 26dB
Input Total Harmonic
Distortion ratio
THDI
-
0.02
0.08
%
400 to 30kHz BPF
Input Maximum Output
Voltage
VOMI
2.0
2.5
-
dB
THD
1%
Cross-talk between Selectors
CS
-
-80.0
-70.0
dB
Rg=0kΩ, IHF-A
CS
20log(VOUT/VIN)
Input Impedance
RI
35.0
50.0
65.0
RI
51k×VOUT/ (VIN-VOUT)
E Input SW Attenuation
GRE
-
-20.0
-15.0
dB
GRE
20log(VOUT/VIN)
Input Volume 1
GIV1
-2
*3
+2
dB
From 0 to -30dB
GIV1
20log(VOUT/VIN)
Volume Switching Step 1
GIVst1
-
2
-
dB
From 0 to -30dB
Output Volume
GOV
-1
*1
+1
dB
From 0 to –59dB
Gov=20log(VOUT/VIN)
Output Switching Step
GOVst
-
1
-
dB
From 0 to –59dB
Maximum attenuation
GminO
-
-
-90.0
dB
IHF-A, GminO=20log(VOUT/VIN)
Surround Gain
CH1→CH2
Gsur1
5
7
9
dB
VIN=200mVrms, f=1kHz
Surround Gain
CH2→CH1
Gsur2
5
7
9
dB
VIN=200Vrms, f=1kHz
Bass Boost Gain
GBB
-2
*1
+2
dB
VIN=200mVrms, f=90Hz,
From 0 to 14dB
GBB=20log(VOUT/VIN)
Bass Cut Gain
GBC
-2
*1
+2
dB
VIN=200mVrms, f =90Hz,
From –14 to 0dB
GBC=20log(VOUT/VIN)
Bass Switching Step
GBST
-
2
-
dB
VIN=200mVrms, f=90Hz
Middle Boost Gain
GMB
-2
*1
+2
dB
VIN=200mVrms, From 0 to 12dB
GMB=20log(VOUT/VIN)
Middle Cut Gain
GMC
-2
*1
+2
dB
VIN=200mVrms, From -12 to 0dB
GMC=20log(VOUT/VIN)
Middle Switching Step
GMST
-
2
-
dB
VIN=200mVrms
Treble Boost Gain
GTB
-2
*1
+2
dB
VIN=200mVrms, f=10kHz
From 0 to 12dB
GTB=20log(VOUT/VIN)
Treble Cut Gain
GTC
-2
*1
+2
dB
VIN=200mVrms, f=10kHz
From -12 to 0dB
GTC=20log(VOUT/VIN)
Treble Switching Step
GTST
-
2
-
dB
VIN=200mVrms, f=10kHz
Microphone Voltage Gain
GMIC
4.5
6.0
7.5
dB
VIN=200mVrms
GMIC=20log(VOUT/VIN)
*1 *2 Typ. is set to the value descrived in condition.
Min. and Max. mean the error.


Podobny numer części - BD3883FS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3883FS ROHM-BD3883FS Datasheet
254Kb / 6P
   Audio Sound Controller for home audio
More results

Podobny opis - BD3883FS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3870FS ROHM-BD3870FS_10 Datasheet
456Kb / 16P
   Sound Processors with Built-in 3-band Equalizers
BD37531FV_1003 ROHM-BD37531FV_1003 Datasheet
755Kb / 38P
   Sound Processors with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com