Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD3507HFV Arkusz danych(PDF) 2 Page - Rohm

Numer części BD3507HFV
Szczegółowy opis  Nch FET Ultra LDO for PC Chipsets
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD3507HFV Arkusz danych(HTML) 2 Page - Rohm

  BD3507HFV Datasheet HTML 1Page - Rohm BD3507HFV Datasheet HTML 2Page - Rohm BD3507HFV Datasheet HTML 3Page - Rohm BD3507HFV Datasheet HTML 4Page - Rohm BD3507HFV Datasheet HTML 5Page - Rohm BD3507HFV Datasheet HTML 6Page - Rohm BD3507HFV Datasheet HTML 7Page - Rohm BD3507HFV Datasheet HTML 8Page - Rohm BD3507HFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Technical Note
2/15
BD3507HFV
www.rohm.com
2010.05 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics (unless otherwise noted, Ta=25℃, VCC=5V, VIN=1.8V, VREF=1.2V, VEN=3V)
Parameter
Symbol
Standard Value
Unit
Condition
MIN
TYP
MAX
Bias Current
ICC
-
0.4
0.7
mA
Standby Current1
ISTB
-
0
10
μA
VEN=0V
Standby Current2
IINSTB
-
0
10
μA
VEN=0V
Output Voltage1
VO1
1.188
1.200
1.212
V
Io=0mA
Output Voltage2
VO2
1.188
1.200
1.212
V
Io=300mA
Output Voltage3
VO3
1.176
1.200
1.224
V
Io=0mA to 550mA
Vcc=4.5V to 5.5V
Ta=-10℃ to 100℃
*5
Output Voltage4
Vo4
2.475
2.500
2.525
V
VIN=3.3V,VREF=2.5V Io=0mA
Output Voltage5
Vo5
2.475
2.500
2.525
V
VIN=3.3V,VREF=2.5V
Io=300mA
Output Voltage6
Vo6
2.450
2.500
2.550
V
VIN=3.3V,VREF=2.5V
Io=0mA to 550mA
Vcc=4.5V to 5.5V
Ta=-10℃ to 100℃
*5
Over Current Protect
ICL
600
-
-
mA
Output ON Resistance
RON
-
300
550
mΩ
High Level Enable Input Voltage
ENHigh
2.0
-
-
V
EN:Sweep-up
Low Level Enable Input Voltage
ENLOW
-0.2
-
0.8
V
EN:Sweep-down
Enable Pin Input Current
IEN
-
7
10
μA
VEN=3V
UVLO OFF Voltage
VUVLO
3.5
3.8
4.1
V
Vcc:Sweep-up
UVLO Hysteresis Voltage
VHYS
100
160
220
mV
Vcc:Sweep-down
VREF Pin Bias Current
IVREF
-0.1
-
0.1
μA
VREF=0→2.7 V *5
VREF Discharge ON Resistance
RONREF
-
1.0
2.0
kΩ
Output Discharge ON Resistance
RONDIS
-
0.1
0.3
kΩ
*5 Design Guarantee


Podobny numer części - BD3507HFV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3507HFV ROHM-BD3507HFV Datasheet
227Kb / 6P
   1ch Series Regulator Driver IC
BD3507HFV ROHM-BD3507HFV Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
More results

Podobny opis - BD3507HFV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com