Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD3520FVM Arkusz danych(PDF) 1 Page - Rohm

Numer części BD3520FVM
Szczegółowy opis  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD3520FVM Arkusz danych(HTML) 1 Page - Rohm

  BD3520FVM_11 Datasheet HTML 1Page - Rohm BD3520FVM_11 Datasheet HTML 2Page - Rohm BD3520FVM_11 Datasheet HTML 3Page - Rohm BD3520FVM_11 Datasheet HTML 4Page - Rohm BD3520FVM_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. A
STRUCTURE
Silicon Monolithic Integrated Circuit
TYPE
Single Channel Series Regulator Driver IC
PRODUCT SERIES
BD3520FVM
FEATURES
・Non Rush Current on Start up (NRCS)
・N channel MOSFET driver
・Output Voltage : 1.2V (±1%)
○ ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
7
*1
V
Drain Voltage (VIN)
VD
7
V
Enable Input Voltage
Ven
7
V
Power Dissipation
Pd
437.5
*2
mW
Operating Temperature Range
Topr
-10~+100
Storage Temperature Range
Tstg
-55~+150
Maximum Junction Temperature
Tjmax
+150
*1 Operating temperature range should not exceed Tjmax=150℃
*2 Pd derating at 3.5mW/℃ for temperature above Ta=25℃
○ RECOMMENDED OPERATING CONDITIONS(Ta=25℃)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
VCC
4.5
5.5
V
Drain Voltage(VIN)
VD
1.2
5.5
V
Enable Input Voltage
Ven
-0.3
5.5
V
Capacitor on NRCS Terminal
CNRCS
0.001
1
uF
★ This product is not designed for protection against radioactive rays.


Podobny numer części - BD3520FVM_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3520FVM ROHM-BD3520FVM Datasheet
355Kb / 5P
   silicon monolithic integrated circuit
More results

Podobny opis - BD3520FVM_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com