Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD3985FV Arkusz danych(PDF) 1 Page - Rohm

Numer części BD3985FV
Szczegółowy opis  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD3985FV Arkusz danych(HTML) 1 Page - Rohm

  BD3985FV_11 Datasheet HTML 1Page - Rohm BD3985FV_11 Datasheet HTML 2Page - Rohm BD3985FV_11 Datasheet HTML 3Page - Rohm BD3985FV_11 Datasheet HTML 4Page - Rohm BD3985FV_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. B
STRUCTURE
Silicon Monolithic Integrated Circuit
TYPE
Positive and Negative Variable Linear Regulator
PRODUCT SERIES
BD3985FV
FEATURES
1. Built-in positive (REG1) and negative (REG2) Linear Regulator for CCDs/ Variable output/
Low saturation voltage type.
2. Built-in Discharge circuit. Negative output voltage (REG2) turns off immediately,
after STB turns off.
○ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
Parameter
Symbol
Limit
Unit
Positive Supply Voltage
VCC
+18
※1
V
Negative Supply Voltage
VEE
-18
※1
V
Power Dissipation
Pd
380
※2
mW
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-55~+125
Maximum Junction Temperature
Tjmax
125
※1 Not to exceed Pd.
※2 Reduced by 3.8mW/℃ over Ta=25℃ ,during IC without heat sink operation.
○OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Positive Supply Voltage
VCC
+6.0
+18.0
V
Negative Supply Voltage
VEE
-14.0
-6.0
V
REG1 Output Voltage
Vo1
+5.0
+16.0
V
REG2 Output Voltage
Vo2
-8.5
-5.0
V
Output Current 1
Io1
25
mA
Output Current 2
Io2
50
mA
※ Vdropout(Reg1) × Io(Reg1) + Vdropout(Reg2) × Io(Reg2) not to exceed Pd=380mW.


Podobny numer części - BD3985FV_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3985FV ROHM-BD3985FV Datasheet
237Kb / 6P
   Positive and Negative Variable Linear Regulator
More results

Podobny opis - BD3985FV_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com