Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD37524FS Arkusz danych(PDF) 2 Page - Rohm

Numer części BD37524FS
Szczegółowy opis  Sound Processor with Built-in 3-band Equalizer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD37524FS Arkusz danych(HTML) 2 Page - Rohm

  BD37524FS Datasheet HTML 1Page - Rohm BD37524FS Datasheet HTML 2Page - Rohm BD37524FS Datasheet HTML 3Page - Rohm BD37524FS Datasheet HTML 4Page - Rohm BD37524FS Datasheet HTML 5Page - Rohm BD37524FS Datasheet HTML 6Page - Rohm BD37524FS Datasheet HTML 7Page - Rohm BD37524FS Datasheet HTML 8Page - Rohm BD37524FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Technical Note
2/25
BD37524FS
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●Line up matrix
Function
Specifications
Input selector
・Stereo 4 input
・Differential 1 input
Input gain
・0~20dB(1dB step)
・Possible to use “Advanced switch” for prevention of switching noise.
Mute
・Possible to use “Advanced switch” for prevention of switching noise.
Volume
・+15dB~-79dB(1dB step), -
・Possible to use “Advanced switch” for prevention of switching noise.
Bass
・-20~+20dB(1dB step)
・Q=0.5, 1, 1.5, 2 variable
・fo=60, 80, 100, 120Hz
・Possible to use “Advanced switch” at changing gain
Middle
・-20~+20dB(1dB step)
・Q=0.75, 1, 1.25, 1.5 variable
・fo=500, 1k, 1.5k, 2.5kHz variable
・Possible to use “Advanced switch” at changing gain
Treble
・-20~+20dB(1dB step)
・Q=0.75, 1.25 variable
・fo=7.5k, 10k, 12.5k, 15kHz variable
・Possible to use “Advanced switch” at changing gain
Fader
・+15dB~-79dB(1dB step), -
∞dB
・Possible to use “Advanced switch” for prevention of switching noise.
Loudness
・0dB~20dB(1dB step)
・fo=250/400/800Hz
・Possible to use “Advanced switch” for prevention of switching noise.
LPF
・fc=55/85/120/160Hz, pass
・Phase shift (0°/180°)
Level meter
・I2C BUS control
・DC Output
●Absolute maximum ratings (Ta=25℃)
※This value decreases 8mW/℃ for Ta=25℃ or more.
ROHM standard board shall be mounted.
Thermal resistance
θja = 125(℃/W)
ROHM Standard board
Size:70×70×1.6(㎣)
Material:A FR4 grass epoxy board(3% or less of copper foil area)
●Operating conditions
Item
Symbol
MIN
TYP
MAX
Unit
Power supply Voltage
VCC
7.0
9.5
V
Temperature
Topr
-40
+85
Item
Symbol
Rating
Unit
Power supply Voltage
VCC
10.0
V
Input voltage
Vin
VCC+0.3~GND-0.3
V
Power Dissipation
Pd
1000 ※1
mW
Storage Temperature
Tastg
-55~+150


Podobny numer części - BD37524FS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37524FS ROHM-BD37524FS Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
BD37524FS ROHM-BD37524FS Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS-E2 ROHM-BD37524FS-E2 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results

Podobny opis - BD37524FS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37543FS ROHM-BD37543FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com