Zakładka z wyszukiwarką danych komponentów |
|
BU4584BFVE2 Arkusz danych(PDF) 11 Page - Rohm |
|
BU4584BFVE2 Arkusz danych(HTML) 11 Page - Rohm |
11 / 22 page BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Technical Note 11/21 www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Electrical Characteristics Curves(BU4001B) 0 10 20 30 40 50 0 5 10 15 20 Output Voltage [V] 0 50 100 150 200 250 300 350 400 -50 -25 0 25 50 75 100 Ambient Temperature [℃] 0 50 100 150 200 250 300 350 400 450 -50 -25 0 25 50 75 100 Ambient Temperature [℃] 0 50 100 150 200 250 300 350 400 -50 -25 0 25 50 75 100 Ambient Temperature [℃] 0 50 100 150 200 250 300 350 400 -50 -25 0 25 50 75 100 Ambient Temperature [℃] 0 10 20 30 40 50 0 5 10 15 20 Output Voltage [V] 0 1 2 3 4 5 6 0 12345 Input Voltage [V] 0 2 4 6 8 10 12 02 4 6 8 10 Input Voltage [V] 0 5 10 15 20 0 5 10 15 Input Voltage [V] Fig.1 Output voltage-Input voltage characteristics ( VDD=5[V] / VSS=0[V]) Fig.4 Output source current-voltage characteristics Fig.5 Output sink current-voltage characteristics Fig.8 Rising propagation delay tPLH Fig.9 Falling propagation delay tPHL 85[℃] 25[℃] -40[℃] -40[℃] 25[℃] 85[℃] VDD=10[V] 85[℃] -40[℃] 25[℃] -40[℃] 25[℃] 85[℃] VDD=5[V] -40[℃] 85[℃] 25[℃] -40[℃] VDD=15[V] VDD=5[V] 85[℃] 25[℃] -40[℃] VDD=10[V] VDD=3[V] VDD=5[V] VDD=18[V] VDD=10[V] VDD=15[V] 85[℃] 25[℃] VDD=3[V] VDD=5[V] VDD=18[V] VDD=10[V] [BU4001B/F] 85[℃] 25[℃] -40[℃] [BU4001B/F] 85[℃] 25[℃] -40[℃] [BU4001B/F] [BU4001B/F] [BU4001B/F] Operating Temperature Range [BU4001B/F] Operating Temperature Range Operating Temperature Range [BU4001B/F] [BU4001B/F] Operating Temperature Range VDD=3[V] VDD=5[V] VDD=18[V] VDD=10[V] VDD=3[V] VDD=5[V] VDD=18[V] VDD=10[V] [BU4001B/F] Fig.2 Output voltage-Input voltage characteristics ( VDD=10[V] / VSS=0[V]) Fig.3 Output voltage-Input voltage characteristics ( VDD=15[V] / VSS=0[V]) Fig.6 Rising time tTLH Fig.7 Falling time tTHL |
Podobny numer części - BU4584BFVE2 |
|
Podobny opis - BU4584BFVE2 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |