Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU21023MUV Arkusz danych(PDF) 8 Page - Rohm

Numer części BU21023MUV
Szczegółowy opis  Resistive Type Touch Screen Controller ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU21023MUV Arkusz danych(HTML) 8 Page - Rohm

Back Button BU21023MUV Datasheet HTML 4Page - Rohm BU21023MUV Datasheet HTML 5Page - Rohm BU21023MUV Datasheet HTML 6Page - Rohm BU21023MUV Datasheet HTML 7Page - Rohm BU21023MUV Datasheet HTML 8Page - Rohm BU21023MUV Datasheet HTML 9Page - Rohm BU21023MUV Datasheet HTML 10Page - Rohm BU21023MUV Datasheet HTML 11Page - Rohm BU21023MUV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Technical Note
8/17
www.rohm.com
2011.08 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BU21023GUL,BU21023MUV,BU21024FV-M
BU21024FV-M】
Screen I/F
4-wire or 8-wire resistive touch screen interface
ADC
10bit A/D converter
OSC
Internal 20MHz oscillator block with optional external clock input
Regulator
Internal regulator provides 1.8V DVDD supply. DVDD can also be supplied from an
external source if DVDD_EXT pin is tied high.
Clock Generator
System clock and timing generation (10MHz CPU clock)
CPU Core
For dual touch processing, programmability and host interface
Work memory
Data memory for CPU
Program Memory
Program memory for CPU. Code can be downloaded by host processor or from an
external EEPROM
EEPROM I/F
To connect to external EEPROM if downloading program memory from EEPROM. Use
of external EEPROM is optional.
Host I/F
4-wire SPI or 2-wire I
2C like interface provides access to registers
Panel
I/F
Regulator
Osc
ADC
(10bit)
Filter
CPU
(8bit)
Work
memory
Program
memory
EEPROM
I/F
Host
I/F
register
Clock
generator
CLK_EXT
XP
XPM
ECL
EDA
SO
INT
YP
YPM
XN
XNM
YN
YNM
IFSEL
SEL_CSB
SCL_SCK
SDA_SI


Podobny numer części - BU21023MUV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21023MUV ROHM-BU21023MUV Datasheet
395Kb / 4P
   Silicon monolithic IC
BU21023MUV ROHM-BU21023MUV Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023MUV-E2 ROHM-BU21023MUV-E2 Datasheet
1Mb / 21P
   Resistive Type Touch Screen Controller ICs
More results

Podobny opis - BU21023MUV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21023GUL ROHM-BU21023GUL_16 Datasheet
1Mb / 21P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M_14 Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
logo
Rohm
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com