Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1201-O Arkusz danych(PDF) 1 Page - Micro Commercial Components

Numer części 2SA1201-O
Szczegółowy opis  PNP Silicon Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SA1201-O Arkusz danych(HTML) 1 Page - Micro Commercial Components

  2SA1201-O Datasheet HTML 1Page - Micro Commercial Components 2SA1201-O Datasheet HTML 2Page - Micro Commercial Components 2SA1201-O Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP Silicon
Power Transistors
Features
Power amplifier applications
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
-120
V
VCBO
Collector-Base Voltage
-120
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current
-800
mA
IB
Base Current
-160
mA
PC
Collector power dissipation
500
1000(Note 1)
W
TJ
Junction Temperature
150
TSTG
Storage Temperature
-55 to +150
Note 1: Mounted on ceramic substrate (250mm
2 x 0.8t)
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ.
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=-10mAdc, IB=0)
-120
---
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage*
(IE=-1mAdc, IC=0)
-5
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=-120Vdc,IE=0)
---
---
-0.1
uAdc
IEBO
Emitter-Base Cutoff Current
(VEB=-5.0Vdc, IC=0)
---
---
-0.1
uAdc
ON CHARACTERISTICS
hFE
Forward Current Transfer ratio
(IC=-0.1Adc, VCE=-5.0Vdc) (Note 2)
80
---
240
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-0.5Adc, IB=-50mAdc)
---
---
-1.0
Vdc
VBE
Base-Emitter Voltage
(IC=-0.5Adc, VCE=-5.0Vdc)
---
---
-1.0
Vdc
fT
Transition Frequency
(IC=-0.1Adc, VCE=-5.0Vdc)
---
120
---
MHz
Cob
Collector Output Capacitance
(VCB=-10V, IE=0, f=1MHz)
---
---
30
pF





 

 
 
















25











































SOT-89
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
CLASSIFICATION OF HFE(1)
Rank
O
Range
80-160
Marking
DO
Y
120-240
DY
www.mccsemi.com
1 of 3
1
2
3
1.BASE
2.COLLECTOR
3.EMITTER


















B
A
E
D
G
H
F
K
J
C
2SA1201-O
2SA1201-Y
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1


Podobny numer części - 2SA1201-O

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
2SA1201-O KEXIN-2SA1201-O Datasheet
678Kb / 2P
   PNP Transistors
logo
Micro Commercial Compon...
2SA1201-O MCC-2SA1201-O Datasheet
397Kb / 3P
   PNP Silicon Power Transistors
2SA1201-O MCC-2SA1201-O_13 Datasheet
397Kb / 3P
   PNP Silicon Power Transistors
More results

Podobny opis - 2SA1201-O

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com