Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1213-O Arkusz danych(PDF) 1 Page - Micro Commercial Components

Numer części 2SA1213-O
Szczegółowy opis  PNP Silicon Epitaxial Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SA1213-O Arkusz danych(HTML) 1 Page - Micro Commercial Components

  2SA1213-O Datasheet HTML 1Page - Micro Commercial Components 2SA1213-O Datasheet HTML 2Page - Micro Commercial Components 2SA1213-O Datasheet HTML 3Page - Micro Commercial Components 2SA1213-O Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP Silicon
Epitaxial Transistors
Features
Low Saturation voltage: VCE(sat)=0.5V(max.)(IC=1.0A)
Small flat package
PC=1.0 to 2.0W(mounted on ceramic substrate)
High Speed Switching Time : tstg
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
-50
V
VCBO
Collector-Base Voltage
-50
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current
-2.0
A
IB
Base Current
-0.4
A
PC
Collector power dissipation
0.5
1.0*
W
TJ
Junction Temperature
150
TSTG
Storage Temperature
-55 to +150
* Mounted on ceramic substrate (250mm
2 x 0.8t)
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=10mAdc, IB=0)
-50
---
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=50Vdc,IE=0)
---
---
-0.1
uAdc
IEBO
Emitter-Base Cutoff Current
(VEB=5.0Vdc, IC=0)
---
---
-0.1
uAdc
ON CHARACTERISTIC
hFE(1)
DC Current Gain
(IC=0.5Adc, VCE=2.0Vdc)
70
---
240
---
hFE(2)
DC Current Gain *
(IC=2.0Adc, VCE=2.0Vdc)
20
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=1.0Adc, IB=0.05Adc)
---
---
-0.5
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=1.0Adc,IB=0.05Adc)
---
---
-1.2
Vdc
fT
Transition Frequency
(VCE=2.0Vdc, IC=0.5Adc)
100
120
---
MHz
Cob
Collector output capacitance
(VCB=10Vdc, f=1.0MHz)
---
40
---
pF
Revision:
A
20
11/01/01

 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC





 

 
 




























































1.
Base
2. Collector
3.
Emitter
=1.0µs(typ.)
CLASSIFICATION OF HFE(1)
Rank
O
Range
70-140
Marking
NO
B
A
E
D
G
H
F
K
J
C




















12
3
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
TM
Micro Commercial Components
1
20-240
Y
NY
2SA1213-O
2SA1213-Y
SOT-89
www.mccsemi.com
1 of 4


Podobny numer części - 2SA1213-O

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
2SA1213-O KEXIN-2SA1213-O Datasheet
1Mb / 3P
   PNP Transistors
logo
Micro Commercial Compon...
2SA1213-O MCC-2SA1213-O Datasheet
552Kb / 4P
   PNP Silicon Epitaxial Transistors
logo
DONGGUAN YOU FENG WEI E...
2SA1213-O YFWDIODE-2SA1213-O Datasheet
1,002Kb / 4P
   PNP Transistors
logo
Micro Commercial Compon...
2SA1213-O MCC-2SA1213-O_13 Datasheet
552Kb / 4P
   PNP Silicon Epitaxial Transistors
More results

Podobny opis - 2SA1213-O

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
logo
Micro Commercial Compon...
2SB1386-P MCC-2SB1386-P Datasheet
376Kb / 4P
   PNP Silicon Epitaxial Transistors
2SB1182-P MCC-2SB1182-P_13 Datasheet
509Kb / 4P
   PNP Silicon Epitaxial Transistors
2SA1464-P MCC-2SA1464-P Datasheet
627Kb / 4P
   PNP Silicon Epitaxial Transistors
logo
FutureWafer Tech Co.,Lt...
BCP69 FUTUREWAFER-BCP69 Datasheet
1Mb / 9P
   PNP Silicon Epitaxial Transistors
24-NOV-2021 V 2.1
logo
ON Semiconductor
BCP53 ONSEMI-BCP53_16 Datasheet
76Kb / 5P
   PNP Silicon Epitaxial Transistors
December, 2015 ??Rev. 12
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
   PNP Silicon Epitaxial Transistors
2SA1037-Q MCC-2SA1037-Q_13 Datasheet
230Kb / 2P
   PNP Silicon Epitaxial Transistors
2SA1576A-Q MCC-2SA1576A-Q Datasheet
254Kb / 3P
   PNP Silicon Epitaxial Transistors
2SB1184-P MCC-2SB1184-P_13 Datasheet
672Kb / 4P
   PNP Silicon Epitaxial Transistors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com