Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS03-DL-PA-BV97054 Arkusz danych(PDF) 2 Page - Meder Electronic

Numer części LS03-DL-PA-BV97054
Szczegółowy opis  LS Level Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MEDER [Meder Electronic]
Strona internetowa  http://www.meder.com
Logo MEDER - Meder Electronic

LS03-DL-PA-BV97054 Arkusz danych(HTML) 2 Page - Meder Electronic

  LS03-DL-PA-BV97054 Datasheet HTML 1Page - Meder Electronic LS03-DL-PA-BV97054 Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Item No.:
9534197054
Item:
LS03/DL-1A66-PA-500W
LS03/DL-PA-BV97054
| Email: salesasia@meder.com
| Email: salesusa@meder.com
| Email: info@meder.com
+49 / 7731 8399 0
+1 / 508 295 0771
+852 / 2955 1682
USA:
Asia:
Europe:
Special Product Data
Conditions
Min
Typ
Max
Unit
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage
DC or Peak AC
Carry current
DC or Peak AC
Switching current
!"##
Sensor deactivated
Sensor-resistance
Polyamid
Housing material
black
Case colour
Polyurethan
Sealing compound
Environmental data
Conditions
Min
Typ
Max
Unit
$
%&
cable not moved
Operating temperature
$
%
cable moved
Operating temperature
$
%&
Storage temperature
IP68
DIN EN 60529
Safety class
Cable specification
Conditions
Min
Typ
Max
Unit
round cable
Cable type
PVC
Cable material
0,14 sq-mm
Cross section
General data
Conditions
Min
Typ
Max
Unit
over 5m cable, a resistor is recommended.
Mounting advice
'
Tightening torque
Modifications in the sense of technical progress are reserved
20.07.09
WKOVACS
KSTOPPEL
05
Rev. No.:
Designed by:
Last Change at:
Designed at:
Last Change by:
16.07.10
DKUECHLER
DKUECHLER
Approval by:
Approval by:
21.07.09
Approval at:
Approval at:
13.12.10


Podobny numer części - LS03-DL-PA-BV97054

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Standex Electronics, In...
LS03-DL-PA-BV97054 STANDEX-LS03-DL-PA-BV97054 Datasheet
260Kb / 2P
   LS03 Series Liquid Level Sensor
Rev.06
logo
Meder Electronic
LS03-DL-PA-BV97054_DE MEDER-LS03-DL-PA-BV97054_DE Datasheet
305Kb / 2P
   (deutsch) LS Level Sensor
More results

Podobny opis - LS03-DL-PA-BV97054

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Meder Electronic
LS01-1B85-PP-5000W MEDER-LS01-1B85-PP-5000W Datasheet
130Kb / 1P
   LS Level Sensor
LS02-1A66-PP-5000W MEDER-LS02-1A66-PP-5000W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1A85-PA-1500W MEDER-LS02-1A85-PA-1500W Datasheet
61Kb / 1P
   LS Level Sensor
LS02-1A85-S-2000W MEDER-LS02-1A85-S-2000W Datasheet
134Kb / 1P
   LS Level Sensor
LS02-1B66-PP-500W MEDER-LS02-1B66-PP-500W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1B66-PP-1000W MEDER-LS02-1B66-PP-1000W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1B84-PA-1500W MEDER-LS02-1B84-PA-1500W Datasheet
56Kb / 1P
   LS Level Sensor
LS02-1B85-PA-1500W MEDER-LS02-1B85-PA-1500W Datasheet
61Kb / 1P
   LS Level Sensor
LS02-1B85-PP-5000W MEDER-LS02-1B85-PP-5000W Datasheet
113Kb / 1P
   LS Level Sensor
LS03-1A66-PP-4000W MEDER-LS03-1A66-PP-4000W Datasheet
127Kb / 1P
   LS Level Sensor
LS03-1A66-PP-5000W MEDER-LS03-1A66-PP-5000W Datasheet
128Kb / 1P
   LS Level Sensor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com