Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2902PWR Arkusz danych(PDF) 2 Page - Rohm

Numer części LM2902PWR
Szczegółowy opis  TROPHY SERIES Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

LM2902PWR Arkusz danych(HTML) 2 Page - Rohm

  LM2902PWR Datasheet HTML 1Page - Rohm LM2902PWR Datasheet HTML 2Page - Rohm LM2902PWR Datasheet HTML 3Page - Rohm LM2902PWR Datasheet HTML 4Page - Rohm LM2902PWR Datasheet HTML 5Page - Rohm LM2902PWR Datasheet HTML 6Page - Rohm LM2902PWR Datasheet HTML 7Page - Rohm LM2902PWR Datasheet HTML 8Page - Rohm LM2902PWR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Technical Note
2/17
LM358DR/PWR/DGKR,LM2904DR/PWR/DGKR/VQDR/VQPWR
LM324DR/PWR/KDR,LM2902DR/PER/KDR/KPWR/KVQDR/KVQPWR
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Absolute Maximum Ratings (Ta=25[℃])
Parameter
Symbol
Ratings
Unit
LM358
family
LM324
family
LM2904
family
LM2902
family
LM2904V
family
LM2902V
family
Supply Voltage
Vcc-GND
+32
+26
+32
V
Operating Temperature Range
Topr
0 to +70
-40 to +125
Storage Temperature Range
Tstg
-65 to +150
Input Common-mode Voltage
VICM
-0.3 to +32
-0.3 to +26
-0.3 to +32
V
Maximum Junction Temperature
Tjmax
150
Electric Characteristics
LM358,LM324 family (Unless otherwise specified, Vcc=+5[V])
Parameter
Symbol
Temperature
range
Limits
Unit
Conditions
Fig.
No
LM358 family
LM324 family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage (*1)
VIO
25℃
3
7
3
7
mV
VO=1.4[V]
VIC=VICR(min)
Vcc=5[V] to 30[V]
98
Full range
9
9
Input Offset Voltage Drift
αVIO
7
μV/℃
Input Offset Current (*1)
IIO
25℃
2
50
2
50
nA
VO=1.4[V]
98
Full range
150
150
Input Offset Current Drift
αIIO
10
pA/℃
Input Bias Current (*1)
IIB
25℃
20
250
20
250
nA
VO=1.4[V]
98
Full range
500
500
Input Common-modeVoltage Range
VICR
25℃
0
Vcc
-1.5
Vcc
-1.5
V
Vcc=5[V] to 30[V]
98
Full range
0
Vcc
-2.0
Vcc
-2.0
High Level Output Voltage
VOH
25℃
Vcc
-1.5
Vcc
-1.5
V
RL≧2[kΩ]
99
Full range
27
28
27
28
Vcc=30[V],RL≧10[kΩ]
Low Level Output Voltage
VOL
Full range
5
20
5
20
mV
RL≦10[kΩ]
98
Large Signal Voltage Gain
AVD
25℃
25
100
25
100
V/mV
Vcc=15[V]
VO=1[V] to 11[V]
RL≧2[kΩ]
98
Common-mode Rejection Ratio
CMRR
25℃
65
80
65
80
dB
Vcc=5[V] to 30[V],
VIC=VICR(min)
98
Supply-Voltage rejection ratio
KSVR
25℃
65
100
65
100
dB
Vcc=5[V] to 30[V]
98
Cross-talk Attenuation
VO1/VO2
25℃
120
120
dB
f=1[kHz] to 20[kHz]
101
Output Current (*2)
Source
25℃
20
30
20
30
mA
Vcc=15[V],VO=0[V]
VID=1[V]
99
Full range
10
10
Sink
25℃
10
20
10
20
mA
Vcc=15[V],VO=0[V]
VID=-1[V]
Full range
2
2
25℃
12
30
12
30
μA
VO=200[mV],VID=-1[V]
Supply Current (All Amps)
ICC
Full range
0.7
1.2
0.7
1.2
mA
VO=2.5[V],No Load
99
Full range
1
2
1.4
3
Vcc=30[V],VO=0.5[V]
No Load
Slew Rate at Unity-Gain
SR
25℃
0.3
0.5
V/μs
RL=1[MΩ],CL=30[pF]
VI=±10[V]
Vcc=15[V],GND=-15[V]
(reference to Fig100)
99
Unity Gain Bandwidth
B1
25℃
0.7
1.2
MHz
RL=1[MΩ],CL=20[pF]
Vcc=15[V],GND=-15[V]
(reference to Fig99)
99
Equivalent Input Noise Voltage
Vn
25℃
40
35
Hz
nV/
Vcc=15[V],GND=-15[V]
RS=100[Ω],VI=0[V]
f=1[kHz](reference to Fig99)
99
(*1) Absolute value
(*2) Under high temperature, consider the power dissipation of IC when selecting the output current.
When the output terminal is continuously shorted, the output current reduces the temperature inside the IC by flushing.


Podobny numer części - LM2902PWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2902PWR TI-LM2902PWR Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM2902PWR TI-LM2902PWR Datasheet
3Mb / 55P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED APRIL 2023
LM2902PWR TI-LM2902PWR Datasheet
598Kb / 24P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM2902PWR TI1-LM2902PWR Datasheet
3Mb / 54P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED SEPTEMBER 2023
LM2902PWR TI-LM2902PWR Datasheet
759Kb / 29P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

Podobny opis - LM2902PWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
   TROPHY SERIES Comparators
LM358DT ROHM-LM358DT_11 Datasheet
974Kb / 18P
   SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com