Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2901VQDGKR Arkusz danych(PDF) 1 Page - Rohm

Numer części LM2901VQDGKR
Szczegółowy opis  TROPHY SERIES Comparators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

LM2901VQDGKR Arkusz danych(HTML) 1 Page - Rohm

  LM2901VQDGKR Datasheet HTML 1Page - Rohm LM2901VQDGKR Datasheet HTML 2Page - Rohm LM2901VQDGKR Datasheet HTML 3Page - Rohm LM2901VQDGKR Datasheet HTML 4Page - Rohm LM2901VQDGKR Datasheet HTML 5Page - Rohm LM2901VQDGKR Datasheet HTML 6Page - Rohm LM2901VQDGKR Datasheet HTML 7Page - Rohm LM2901VQDGKR Datasheet HTML 8Page - Rohm LM2901VQDGKR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
General-purpose Operational Amplifiers /Comparators
TROPHY SERIES
Comparators
LM393DR/PWR/DGKR,LM2903DR/PWR/DGKR/VQDR/VQPWR
LM339DR/PWR,LM2901DR/PWR/VQDR/VQPWR
Description
The Universal Standard family LM393 / LM339/ LM2903
/ LM2901 monolithic ICs integrate two/four independent
comparators on a single chip and feature high gain, low
power consumption, and an operating voltage range
from 2[V] to 36[V] (single power supply).
Features
1) Operating temperature range
Commercial Grade
LM339/393 family
: 0[℃] to + 70[℃]
Extended Industrial Grade
LM2903/2901 family : -40[℃] to +125[℃]
2) Open collector output
3) Single / dual power supply compatible
4) Low supply current
0.8[mA] typ. (LM393/339/2903/2901 family)
5) Low input-bias current: 25[nA] typ.
6) Low input-offset voltage: 2[mV] typ.
7) Differential input voltage range equal to maximum rating
8) Low output saturation voltage
9) TTL,MOS,CMOS compatible output
Pin Assignment
No.11094EBT03
TSSOP8
SOIC8
MSOP8/VSSOP8
TSSOP14
SOIC14
LM393DR
LM339DR
LM339PW R
LM393PW R
LM2903PW R
LM2901DR
LM2901PW R
LM393DGKR
LM2903DR
LM2903VQDR
LM2903VQPW R
LM2903DGKR
LM2901VQDR
LM2901VQPW R
1OUT
4
1IN-
1IN+
GND
Vcc
2OUT
2IN-
2IN+
 +
 +
3
2
1
5
6
7
8
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
2OUT
Vcc
2IN-
2IN+
1IN-
1IN+
- +
- +
- +
- +
OUT3
OUT4
GND
4IN+
4IN-
3IN+
3IN-
TROPHY
SERIES
LM393 family
LM339 family
Quad
LM2903 family
LM2901 family
LM393DR
LM393PWR
LM393DGKR
LM339DR
LM339PWR
LM2903DR
LM2903PWR
LM2903DGKR
LM2903VQDR
LM2903VQPWR
LM2901DR
LM2901PWR
LM2901VQDR
LM2901VQPWR
Dual


Podobny numer części - LM2901VQDGKR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2901VQDR TI-LM2901VQDR Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901VQDR TI-LM2901VQDR Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM2901VQDR TI-LM2901VQDR Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901VQDR TI1-LM2901VQDR Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM2901VQDR TI-LM2901VQDR Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

Podobny opis - LM2901VQDGKR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LM358DR ROHM-LM358DR Datasheet
797Kb / 18P
   TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM393MX ROHM-LM393MX_11 Datasheet
709Kb / 17P
   NOW SERIES Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
   Comparators
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
   Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
   Single Comparators
August, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com