Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT86 Arkusz danych(PDF) 1 Page - Micro Commercial Components

Numer części BAT86
Szczegółowy opis  SMALL SIGNAL SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT86 Arkusz danych(HTML) 1 Page - Micro Commercial Components

  BAT86_08 Datasheet HTML 1Page - Micro Commercial Components BAT86_08 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT86
SMALL SIGNAL
SCHOTTKY
DIODES
Features
·
For general purpose applications
·
These diodes features very low turn-on voltage and fast switching.
MECHANICAL DATA
·
Weight: Approx. 0.13 gram
ABSOLUTE RATINGS(LIMITING VALUES)
ELECTRICAL CHARACTERISTICS

Dimensions in inches and (millimeters)









Symbols
Value
Units
Repetitive Peak Reverse Voltage
VR
50
V
Forward Continuous Current at T =25
0C
IF
2001)
mA
Repetitive Peak Forward Current at t<1s,ä< 0.5,TA=25
0C
IFRM
3001)
mA
Power Dissipation
at TA=65
0C
Ptot
2001)
mW
Junction temperature
TJ
125
0
C
Ambient Operating temperature Range
TA
-55~+125
0
C
Storage Temperature Range
TSTG
-55~+150
0
C
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
Reverse breakdown voltage Tested with 10 A pulses
µ
Leakage current V =25V
R
Forward voltage
Pulse Test
at
t
300 s,
2%
I=0.1mA,
at I =1mA,
at I =10mA,
at I =30mA,
at I =100mA
p
F
F
F
F
F
µδ
50
0.5
5
0.460
0.600
8
0.900
0.450
0.380
0.300
Thermal resistance junction to ambient Air
Junction Capacitance at V =1V ,f=1MHz
R
Reverse recovery time Form I =10mA,I =10mA,I =1mA
FR
R
V R)R
(B
V
V
V
V
V
V
µA
pF
K/W
ns
VF
0.200
VF
0.272
VF
VF
0.365
VF
0.700
IR
0.2
CJ
trr
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature(DO-35)
300 
R JA
θ
These devices are protected by a PN junction guard ring against
excessive voltage,such as electrostatic discharges.
·
These diode is also available in the Mini-MELF case with type
designation LL86
·
Metal-on-silicon Schottky barrier device which is protected by a PN
junction guard ring. The low forward voltage drop and fast switching
Make it ideal for protection of MOS devices,and low logic applications.
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: 4
2008/02/01
TM
Micro Commercial Components
·
www.mccsemi.com
1 of 2
·
Case: Do-35 glass case
·
Marking : Cathode band and type number
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Moisture Sensitivity: Level 1 per J-STD-020C
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.


Podobny numer części - BAT86_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAT86 PHILIPS-BAT86_00 Datasheet
58Kb / 8P
   Schottky barrier diode
2000 May 25
More results

Podobny opis - BAT86_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com