Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC_P Arkusz danych(PDF) 6 Page - Rohm

Numer części TC_P
Szczegółowy opis  Chip tantalum capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

TC_P Arkusz danych(HTML) 6 Page - Rohm

  TC_P_10 Datasheet HTML 1Page - Rohm TC_P_10 Datasheet HTML 2Page - Rohm TC_P_10 Datasheet HTML 3Page - Rohm TC_P_10 Datasheet HTML 4Page - Rohm TC_P_10 Datasheet HTML 5Page - Rohm TC_P_10 Datasheet HTML 6Page - Rohm TC_P_10 Datasheet HTML 7Page - Rohm TC_P_10 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/7
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.E
Data Sheet
TC Series P Case
Standard products list, TC series A case
10
0.5
15
0.6
22
1.5
0.9
0.5
0.5
2.2
4
4.7
0.5
0.5
0.5
6.8
0.5
TC P 0G 225 M8R
TC P 0G 475 M8R
TC P 0G 685 M8R
TC P 0G 106 M8R
TC P 0G 156 M8R
TC P 0G 226 M8R
TC P 0J 155 M8R
TC P 0J 225 M8R
2.2
TC P 0G 335 M8R
3.3
TC P 0J 335 M8R
3.3
TC P 0J 475 M8R
TC P 0J 685 M8R
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
10
6.3
13
4.7
6.8
0.5
10
TC P 0J 106 M8R
TC P 0J 156 M8R
15
TC P 1A 105 M8R
1.0
0.5
0.6
15
10
20
20
10
20
20
10
30
30
15
30
30
15
15
20
30
30
20
30
30
20
30
30
20
30
30
30
30
15
30
20
30
30
0.5
20
30
30
20
30
30
20
30
30
30
15
11.8
9.3
8.3
7.7
33
1.4
TC P 0G 336 M8R
4
2.5
5
25
38
38
5.0
17.5
17.5
14.4
17.5
17.5
14.4
7.7
17.5
10
6.3
13
TC P 1A 155 M8R
1.5
0.5
20
30
30
16.1
10
6.3
13
TC P 1A 225 M8R
2.2
0.5
20
30
30
14.4
10
6.3
13
TC P 1A 335 M8R
3.3
0.5
20
30
30
11.8
10
6.3
13
TC P 1A 475 M8R
4.7
0.5
20
30
30
9.3
10
6.3
13
TC P 1A 685 M8R
6.8
0.7
20
30
30
9.3
10
6.3
13
TC P 1A 106 M8R
10
1.0
20
30
30
7.7
16
10
20
TC P 1C 105 M8R
1.0
0.5
10
15
15
16.1
16
10
20
TC P 1C 155 M8R
1.5
0.5
20
30
30
14.4
16
10
20
TC P 1C 225 M8R
2.2
0.5
20
30
30
11.8
16
10
20
TC P 1C 335 M8R
3.3
0.6
20
30
30
9.3
20
13
26
TC P 1D 105 M8R
1.0
0.5
10
15
15
16.1
25
16
32
TC P 1E 105 M8R
1.0
0.6
20
30
30
9.3
11.8
9.3
8.3
0.5
0.9
6.3
4
8
TC P 0J 226 M8R
22
25
38
38
5.0
1.4
Part No.
Rated
voltage
85
°C
(V)
Category
voltage
125
°C
(V)
Surge
voltage
85
°C
(V)
Cap.
120Hz
(
μF)
Tolerance
(%)
Leakage
current
25
°C
1WV.60s
(
μA)
Df
120Hz
(%)
−55
°C
125
°C
25
°C
85
°C
Impedance
100kHz
(
Ω)
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
=Under development


Podobny numer części - TC_P_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7PA14FU TOSHIBA-TC7PA14FU Datasheet
186Kb / 9P
   Dual Schmitt Inverter
TC7PA175FU TOSHIBA-TC7PA175FU Datasheet
190Kb / 8P
   D-Type Flip-Flop with Clear
TC7PA17FU TOSHIBA-TC7PA17FU Datasheet
184Kb / 8P
   Dual Schmitt Buffer
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
180Kb / 7P
   Chip Select Decoder
More results

Podobny opis - TC_P_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com