Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM4007PL Arkusz danych(PDF) 3 Page - Micro Commercial Components

Numer części SM4007PL
Szczegółowy opis  1.0 Ampere Silion Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SM4007PL Arkusz danych(HTML) 3 Page - Micro Commercial Components

  SM4007PL Datasheet HTML 1Page - Micro Commercial Components SM4007PL Datasheet HTML 2Page - Micro Commercial Components SM4007PL Datasheet HTML 3Page - Micro Commercial Components SM4007PL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
100
4
0
10
20
30
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperes
versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
610
20
60 80
40
40
50
60
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperes
versus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
4
6
20
10
µAmps
20
120
40
60
80
100
.01
.02
.04
.06
.1
.2
.4
.6
1
2
TA=25
°C
40
60
100
140
TA=100
°C
www.mccsemi.com
3 of 4
SM4001PL thru SM4007PL
MCC
TM
Micro Commercial Components
Revision: B
2011/07/19


Podobny numer części - SM4007PL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SM4007PL MCC-SM4007PL Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4007PL MCC-SM4007PL Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4007PL MCC-SM4007PL Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
logo
Microdiode Electronics ...
SM4007PL CHENDA-SM4007PL Datasheet
593Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Nanjing International G...
SM4007PL DGNJDZ-SM4007PL Datasheet
248Kb / 3P
   1.0 AmpereSilion Rectifier
More results

Podobny opis - SM4007PL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SM4001PL MCC-SM4001PL_16 Datasheet
219Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4004PL-TP MCC-SM4004PL-TP Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4001PL-TP MCC-SM4001PL-TP Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4002PL-TP MCC-SM4002PL-TP Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1H1G DAESAN-1H1G Datasheet
284Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com