Zakładka z wyszukiwarką danych komponentów |
|
ISL54059IRTZ Arkusz danych(PDF) 4 Page - Intersil Corporation |
|
ISL54059IRTZ Arkusz danych(HTML) 4 Page - Intersil Corporation |
4 / 14 page 4 FN6579.2 March 11, 2011 NO x or NCx OFF Capacitance, COFF f = 1MHz (see Figure 7) 25 - 36 - pF COMx ON Capacitance, CCOM(ON) f = 1MHz (see Figure 7) 25 - 88 - pF POWER SUPPLY CHARACTERISTICS Positive Supply Current, I+ V+ = 5.5V, VIN = 0V or V+ 25 - 0.008 0.1 µA Full - 1.41 - µA DIGITAL INPUT CHARACTERISTICS Input Voltage Low, VINL Full - - 0.8 V Input Voltage High, VINH Full 2.4 - - V Input Current, IINH, IINL V+ = 5.5V, VIN = 0V or V+ 25 -0.1 - 0.1 µA Full - 0.3 - µA Electrical Specifications - 4.3V Supply Test Conditions: V+ = +3.9V to +4.5V, GND = 0V, VINH = 1.6V, VINL = 0.5V (Note 9), Unless Otherwise Specified. PARAMETER TEST CONDITIONS TEMP (°C) MIN (Notes 10, 11) TYP MAX (Notes 10, 11) UNITS ANALOG SWITCH CHARACTERISTICS ON-Resistance, rON V+ = 4.3V, ICOM = 100mA, VNO or VNC = (V+ - 6.5V) to V+, (See Figure 5) 25 - 0.65 - Ω Full - 0.72 - Ω rON Matching Between Channels, ΔrON V+ = 4.3V, ICOM = 100mA, VNO or VNC = Voltage at max rON, (Note 12) 25 - 10 - m Ω Full - 15 - m Ω rON Flatness, RFLAT(ON) V+ = 4.3V, ICOM = 100mA, VNO or VNC = (V+ - 6.5V) to V+, (Note 13) 25 - 0.1 - Ω Full - 0.14 - Ω NO or NC OFF Leakage Current, INO(OFF) or INC(OFF) V+ = 4.3V, VCOM = -1.2V, 4.3V, VNO or VNC = 4.3V, -1.2V 25 -0.1 - 0.1 µA Full -1 -0.33 1 µA COM ON Leakage Current, ICOM(ON) V + = 4.3V, VCOM = -1.2V, 4.3V, VNO or VNC = Float 25 -0.1 - 0.1 µA Full -1 -0.33 1 µA DYNAMIC CHARACTERISTICS Turn-ON Time, tON V+ = 3.9V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF (see Figure 1) 25 - 43 - ns Full - 50 - ns Turn-OFF Time, tOFF V+ = 3.9V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF (see Figure 1) 25 - 23.1 - ns Full - 23.2 - ns Break-Before-Make Time Delay, tD V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF (see Figure 3) Full - 22 - ns Charge Injection, Q CL = 1.0nF, VG = 0V, RG = 0Ω (see Figure 2) 25 - 200 - pC OFF-Isolation RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS (see Figure 4) 25 - 60 - dB Crosstalk (Channel-to-Channel) RL = 50Ω, CL = 5pF, f = 1MHz, VCOM = 1VRMS (see Figure 6) 25 - -75 - dB Total Harmonic Distortion f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 32Ω 25 - 0.04 - % NOx or NCx OFF Capacitance, COFF f = 1MHz (see Figure 7) 25 - 36 - pF Electrical Specifications - 5V Supply Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 9), Unless Otherwise Specified. (Continued) PARAMETER TEST CONDITIONS TEMP (°C) MIN (Notes 10, 11) TYP MAX (Notes 10, 11) UNITS ISL54059 |
Podobny numer części - ISL54059IRTZ |
|
Podobny opis - ISL54059IRTZ |