Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54059IRTZ-T Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL54059IRTZ-T
Szczegółowy opis  Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54059IRTZ-T Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL54059IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN6579.2
March 11, 2011
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2A. MEASUREMENT POINTS
FIGURE 2B. TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
FIGURE 3A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 3B. TEST CIRCUIT
FIGURE 3. BREAK-BEFORE-MAKE TIME
50%
tr < 5ns
tf < 5ns
tOFF
90%
V+
0V
VNO
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
VOUT
V(NO or NC)
RL
RL rON
+
------------------------
=
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
COM
NO OR NC
IN
50
Ω
35pF
GND
V+
C
VOUT
ΔVOUT
ON
OFF
ON
Q =
ΔVOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
V+
0V
CL
VOUT
RG
VG
GND
COM
NO OR NC
V+
C
LOGIC
INPUT
IN
Repeat test for all switches.
90%
V+
0V
tBBM
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
LOGIC
INPUT
IN
COM
RL
CL
VOUT
35pF
50
Ω
NO
NC
V+
GND
VNX
C
ISL54059


Podobny numer części - ISL54059IRTZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54059IRTZ-T INTERSIL-ISL54059IRTZ-T Datasheet
392Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059IRTZ-T INTERSIL-ISL54059IRTZ-T Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059IRTZ-T INTERSIL-ISL54059IRTZ-T Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
logo
Renesas Technology Corp
ISL54059IRTZ-T RENESAS-ISL54059IRTZ-T Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
More results

Podobny opis - ISL54059IRTZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54065_0911 INTERSIL-ISL54065_0911 Datasheet
717Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT
ISL54062_0911 INTERSIL-ISL54062_0911 Datasheet
751Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54062 RENESAS-ISL54062 Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
logo
Renesas Technology Corp
ISL54065 RENESAS-ISL54065 Datasheet
983Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com