Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3251A Arkusz danych(PDF) 1 Page - Seme LAB

Numer części 2N3251A
Szczegółowy opis  Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3251A Arkusz danych(HTML) 1 Page - Seme LAB

  2N3251A Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N3251A
Bipolar PNP Device.
V
CEO =
60V
I
C = 0.2A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
60
V
I
C(CONT)
0.2
A
h
FE
@ 10/0.1 (V
CE / IC)
100
-
f
t
300M
Hz
P
D
0.36
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
TO18 (TO206AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector
Bipolar PNP Device in a
Hermetically sealed TO18
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)


Podobny numer części - 2N3251A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Boca Semiconductor Corp...
2N3251A BOCA-2N3251A Datasheet
183Kb / 5P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N3251A MICROSEMI-2N3251A Datasheet
64Kb / 2P
   PNP BIPOLAR TRANSISTOR
logo
Central Semiconductor C...
2N3251A CENTRAL-2N3251A Datasheet
33Kb / 1P
   Small Signal Transistors
logo
Microsemi Corporation
2N3251A MICROSEMI-2N3251A Datasheet
58Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
2N3251A MICROSEMI-2N3251A Datasheet
135Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
More results

Podobny opis - 2N3251A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N3250 SEME-LAB-2N3250 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
SF_2N2894A SEME-LAB-SF_2N2894A Datasheet
10Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
SF_2N869 SEME-LAB-SF_2N869 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
SF_CV7676 SEME-LAB-SF_CV7676 Datasheet
10Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
CV10814 SEME-LAB-CV10814 Datasheet
13Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
SF_2N995 SEME-LAB-SF_2N995 Datasheet
10Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
logo
List of Unclassifed Man...
CV9543 ETC-CV9543 Datasheet
10Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
logo
Seme LAB
BC478B SEME-LAB-BC478B Datasheet
10Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
2N4028 SEME-LAB-2N4028 Datasheet
10Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
BCW35 SEME-LAB-BCW35 Datasheet
10Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
SF_2N2907 SEME-LAB-SF_2N2907 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com