Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ64A Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części SMAJ64A
Szczegółowy opis  400 Watts Suface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMAJ64A Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SMAJ64A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMAJ64A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMAJ64A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMAJ64A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMAJ64A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Test
Maximum
Current
Reverse Leakage
IT
@ VWM
Min
Max
(mA)
ID (uA)
SMAJ5.0
AD
5
6.4
7.3
10
9.6
41.7
800
SMAJ5.0A
AE
5
6.4
7
10
9.2
43.5
800
SMAJ6.0
AF
6
6.67
8.15
10
11.4
35.1
800
SMAJ6.0A
AG
6
6.67
7.37
10
10.3
38.8
800
SMAJ6.5
AH
6.5
7.22
8.82
10
12.3
32.5
500
SMAJ6.5A
AK
6.5
7.22
7.98
10
11.2
35.7
500
SMAJ7.0
AL
7
7.78
9.51
10
13.3
30.1
200
SMAJ7.0A
AM
7
7.78
8.6
10
12.0
33.3
200
SMAJ7.5
AN
7.5
8.33
10.30
1.0
14.3
28.0
100
SMAJ7.5A
AP
7.5
8.33
9.21
1.0
12.9
31.0
100
SMAJ8.0
AQ
8
8.89
10.9
1.0
15.0
26.7
50.0
SMAJ8.0A
AR
8
8.89
9.83
1.0
13.6
29.4
50.0
SMAJ8.5
AS
8.5
9.44
11.5
1.0
15.9
25.2
10.0
SMAJ8.5A
AT
8.5
9.44
10.4
1.0
14.4
27.8
10.0
SMAJ9.0
AU
9
10
12.2
1.0
16.9
23.7
5.0
SMAJ9.0A
AV
9
10
11.1
1.0
15.4
26.0
5.0
SMAJ10
AW
10
11.1
13.6
1.0
18.8
21.3
5.0
SMAJ10A
AX
10
11.1
12.3
1.0
17.0
23.5
5.0
SMAJ11
AY
11
12.2
14.9
1.0
20.1
19.9
5.0
SMAJ11A
AZ
11
12.2
13.5
1.0
18.2
22.0
5.0
SMAJ12
BD
12
13.3
16.3
1.0
22.0
18.2
5.0
SMAJ12A
BE
12
13.3
14.7
1.0
19.9
20.1
5.0
SMAJ13
BF
13
14.4
17.6
1.0
23.8
16.8
5.0
SMAJ13A
BG
13
14.4
15.9
1.0
21.5
18.6
5.0
SMAJ14
BH
14
15.6
19.1
1.0
25.8
15.5
5.0
SMAJ14A
BK
14
15.6
17.2
1.0
23.2
17.2
5.0
SMAJ15
BL
15
16.7
20.4
1.0
26.9
14.9
5.0
SMAJ15A
BM
15
16.7
18.5
1.0
24.4
16.4
5.0
SMAJ16
BN
16
17.8
21.8
1.0
28.8
13.9
5.0
SMAJ16A
BP
16
17.8
19.7
1.0
26.0
15.4
5.0
SMAJ17
BQ
17
18.9
23.1
1.0
30.5
13.1
5.0
SMAJ17A
BR
17
18.9
20.9
1.0
27.6
14.5
5.0
SMAJ18
BS
18
20
24.4
1.0
32.2
12.4
5.0
SMAJ18A
BT
18
20
22.1
1.0
29.2
13.7
5.0
SMAJ20
BU
20
22.2
27.1
1.0
35.8
11.2
5.0
SMAJ20A
BV
20
22.2
24.5
1.0
32.4
12.3
5.0
SMAJ22
BW
22
24.4
29.8
1.0
39.4
10.2
5.0
SMAJ22A
BX
22
24.4
26.9
1.0
35.5
11.3
5.0
SMAJ24
BY
24
26.7
32.6
1.0
43.0
9.3
5.0
SMAJ24A
BZ
24
26.7
29.5
1.0
38.9
10.3
5.0
SMAJ26
CD
26
28.9
35.3
1.0
46.6
8.6
5.0
SMAJ26A
CE
26
28.9
31.9
1.0
42.1
9.5
5.0
SMAJ28
CF
28
31.1
38
1.0
50.0
8.0
5.0
SMAJ28A
CG
28
31.1
34.4
1.0
45.4
8.8
5.0
SMAJ30
CH
30
33.3
40.7
1.0
53.5
7.5
5.0
SMAJ30A
CK
30
33.3
36.8
1.0
48.4
8.3
5.0
SMAJ33
CL
33
36.7
44.9
1.0
59.0
6.8
5.0
SMAJ33A
CM
33
36.7
40.6
1.0
53.3
7.5
5.0
SMAJ36
CN
36
40
48.9
1.0
64.3
6.2
5.0
SMAJ36A
CP
36
40
44.2
1.0
58.1
6.9
5.0
SMAJ40
CQ
40
44.4
54.3
1.0
71.4
5.6
5.0
SMAJ40A
CR
40
44.4
49.1
1.0
64.5
6.2
5.0
SMAJ43
CS
43
47.8
58.4
1.0
76.7
5.2
5.0
SMAJ43A
CT
43
47.8
52.8
1.0
69.4
5.8
5.0
Version:F11
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Breakdown Voltage
VBR (V)
at IT
Device
Device
Marking
Code
Working
Peak
Reverse
Voltage
VWM
Maximum
Clamping
Voltage at IPPM
Vc(V)
(Note5)
Maximum
Peak Pulse
Surge Current
IPPM
(A)(Note5)


Podobny numer części - SMAJ64A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
SMAJ64A LITTELFUSE-SMAJ64A Datasheet
3Mb / 146P
   TVS Diode Products
logo
DIYI Electronic Technol...
SMAJ64A DYELEC-SMAJ64A Datasheet
530Kb / 5P
   Excellent clamping capability
logo
Jinan Gude Electronic D...
SMAJ64A JGD-SMAJ64A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ64A SOCAY-SMAJ64A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ64A SOCAY-SMAJ64A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Podobny opis - SMAJ64A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com