Zakładka z wyszukiwarką danych komponentów |
|
TS15P04G Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
TS15P04G Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 2 page creat by art UL Recoganized File # E-326243 Glass passivated junction High case dielectric strength of 2000VRMS Typical IR less than 0.1uA High surge current capability to 240A Mechanical Data TS15P0XG = Specific Device Code G = Green Compound Y = Year WW = Work Week Maximum Ratings and Electrical Characteristics Rating at 25 ℃ ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol TS15P 01G TS15P 02G TS15P 03G TS15P 04G TS15P 05G TS15P 06G TS15P 07G Units VRRM 50 100 200 400 600 800 1000 V VRMS 35 70 140 280 420 560 700 V VDC 50 100 200 400 600 800 1000 V I 2tA2S Cj pF RθJC OC/W TJ OC TSTG OC 240 A Plastic material has Underwriters Laboratory Flammability Classification 94V-0 Maximum Average Forward Rectified Current @TC=110℃ IF(AV) 15 Maximum Instantaneous Forward Voltage (Note 1) @ 7.5A @ 15A High temperature soldering guaranteed: 260 ℃ / 10 seconds at 5 lbs., (2.3kg) tension VF 1.0 1.1 Dimensions in inches and (millimeters) Green compound with suffix "G" on packing code & prefix "G" on datecode. Terminals: Pure tin plated, Lead free. Leads solderable per MIL-STD-202, Method 208 A Peak Forward Surge Current, 8.3 ms Single Half Sine- wave Superimposed on Rated Load (JEDEC mrthod) IFSM Typical Junction Capacitance Per Leg (Note 2) 90 Version:I11 Case: Molded plastic body Maximum DC Reverse Current @ T A=25 ℃ at Rated DC Blocking Voltage @TA=125 ℃ IR Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage uA uA Note 1 : Pulse Test with PW=300 usec, 1% Duty Cycle Operating Temperature Range Storage Temperature Range - 55 to + 150 TS-6P 10 500 TS15P01G - TS15P07G Marking Diagram V Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers Features Ideal for printed circuit board Rating of fusing ( t < 8.3mS ) 239 Weight: 7.15 grams Typical Thermal Resistance Type Number Mounting torque : 8.17 in. lbs. Max. - 55 to + 150 0.8 Note 2 : Measured at 1MHz and applied Reverse bias of 4.0V DC. Pb RoHS COMPLIANCE RoHS COMPLIANCE |
Podobny numer części - TS15P04G |
|
Podobny opis - TS15P04G |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |