Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCY70 Arkusz danych(PDF) 3 Page - Seme LAB

Numer części BCY70
Szczegółowy opis  GENERAL PURPOSE PNP SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCY70 Arkusz danych(HTML) 3 Page - Seme LAB

  BCY70 Datasheet HTML 1Page - Seme LAB BCY70 Datasheet HTML 2Page - Seme LAB BCY70 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BCY70
BCY71
BCY72
Document Number 3297
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = -0.1mA
VCE = -5V
Rg = 2KΩ
f = 10 to 10000 Hz
BCY70 AND BCY71
BCY70
IC = -1mA
VCE = -10V
f = 1kHz
BCY71 ONLY
IC = -1mA
VCE = -10V
f = 1kHz
BCY71 ONLY
IC = -1mA
VCE = -10V
f = 1kHz
BCY71 ONLY
IC = -10mA
VEE = 3V
IB1 = -1mA
BCY70 AND BCY72 ONLY
IC = -10mA
VEE = 3V
IB1 = -1mA
BCY70 AND BCY72 ONLY
IC = -10mA
VEE = 3V
IB1 = -IB2 = -1mA
BCY70 AND BCY72 ONLY
IC = -10mA
VEE = 3V
IB1 = -IB2 = -1mA
BCY70 AND BCY72 ONLY
IC = -10mA
VEE = 3V
IB1 = -1mA
BCY70 AND BCY72 ONLY
IC = -10mA
VEE = 3V
IB1 = -IB2 = -1mA
BCY70 AND BCY72 ONLY
NF
Noise Figure
hie
Input Impedance
hre
Reverse Voltage Ratio
hoe
Output Admittance
td
Delay Time
tr
Rise Time
ts
Storage Time
tf
Fall Time
ton
Turn-on Time
toff
Turn-Off Time
ELECTRICAL CHARACTERISTICS continued (T
A = 25°C unless otherwise stated)
6
2
212
20 x 10-4
10
60
23
35
25
35
270
350
50
80
48
65
320
420
dB
K
µS
ns
ns
ns
ns
ns
ns
NOTES:
* Pulse test: tp ≤ 300µs , δ ≤ 1%


Podobny numer części - BCY70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BCY70 PHILIPS-BCY70 Datasheet
51Kb / 8P
   PNP general purpose transistors
1997 Jul 11
logo
STMicroelectronics
BCY70 STMICROELECTRONICS-BCY70 Datasheet
133Kb / 5P
   GENERAL PURPOSE AMPLIFIERS
logo
Micro Electronics
BCY70 MICRO-ELECTRONICS-BCY70 Datasheet
173Kb / 2P
   PNP SILICON TRANSISTORS
logo
Central Semiconductor C...
BCY70 CENTRAL-BCY70 Datasheet
33Kb / 1P
   Small Signal Transistors
logo
Comset Semiconductor
BCY70 COMSET-BCY70 Datasheet
150Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Podobny opis - BCY70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
   General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com