Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS19370 Arkusz danych(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Numer części TS19370
Szczegółowy opis  Boost (Step-up) WLED Driver with OVP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19370 Arkusz danych(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19370_10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19370_10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19370_10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19370_10 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19370_10 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19370_10 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19370_10 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19370_10 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS19370
Boost (Step-up) WLED Driver with OVP
5/8
Version: D08
Application Information (Continue)
LED Current Control
The LED current is controlled by the feedback resistor (R1). The feedback reference is 95mV. The LED current is
95mV/R1. In order to have accurate LED current, precision resistors are preferred (1% is recommended). The
formula and table 3 for R1 selection are shown below.
R1 = 95mV/ILED
ILED (mA)
R1( )
5
19.1
10
9.53
12
7.87
15
6.34
20
4.75
LED Dimming Control
There are some different types of dimming control circuits:
1. Using a PWM Signal to SHDN Pin
With the PWM signal applied to the SHDN pin, the TS19370 is turned on or off by the PWM signal. The LEDs
operate at either zero or full current. The average LED current increases proportionally with the duty cycle of the
PWM signal. A 0% duty cycle will turn off the TS19370 and corresponds to zero LED current. A 100% duty cycle
corresponds to full current. The typical frequency range of the PWM signal is 1kHz to 10kHz.
The magnitude of the PWM signal should be higher than the minimum SHDN voltage high.
For some applications, the preferred method of brightness control is a variable DC voltage to adjust the LED
current. The dimming control using a DC voltage is shown in Figure 4. As the DC voltage increases, the voltage
drop on R2 increases and the voltage drop on R1 decreases. Thus, the LED current decreases. The selection of
R2 and R3 will make the current from the variable DC source much smaller than the LED current and much larger
than the FB pin bias current. For VDC range from 0V to 2V, the selection of resistors in Figure 4 gives dimming
control of LED current from 0mA to 20mA.
Dimming Control using a DC Voltage
VDC(V)
VFB
Iout(mA)
2
0
0
1.8
2.2
0.43
1.6
9.2
1.8
1.4
19.6
3.6
1.2
31.1
6
1
43.4
8.5
0.8
63
12.3
0.6
74
14.5
0.4
86.4
16.9
0.2
96.9
19
0
102
20


Podobny numer części - TS19370_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS19370CX6RF TSC-TS19370CX6RF Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

Podobny opis - TS19370_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
   High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com