Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS19377 Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części TS19377
Szczegółowy opis  2A Buck (Step-down) WLED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19377 Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19377 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19377 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19377 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19377 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19377 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19377 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19377 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS19377
2A Buck (Step-down) WLED Driver
3/7
Version: A11
Typical Application Circuit
A: 1W/3W LED*1 for DC Input
VOUT
VCC
R1
100K
U1
AX2002/A
1
2
3
4
5
6
7
8
FB
EN
COMP
VCC
SW
SW
VSS
VSS
D7
LED
R2
0.75R/0.33R
R4 4.7K
C4
1u
L1
22uH
(10uH for AX2002A)
D6
1N4148
D5
B240A
C3
0.1u
R5
100K
C2
22u
C1
4.7u
Option
1W/3W
Recommend Bill of Material:
ILED
R2
C2
R5
L1
350mA
0.715
87.5mW
100uF
0.22K
68uH
750mA
0.333
189mW
220uF
0.47K
1000mA
0.250
250mW
330uF
0.47K
B: 1W/3W LED*1 for AC Input
No output Capacitor
VOUT
U1
AX2002/A
1
2
3
4
5
6
7
8
FB
EN
COMP
VCC
SW
SW
VSS
VSS
D2
LED
R2
C5
L1
D5
B240A
R5
100nF
C2
AC
12V IN
AC D4
AC D3
AC D2
AC D1
C3
0.1u
ILED
R2
C2
R5
L1
350mA
0.715
87.5mW
100uF
0.22K
68uH
750mA
0.333
189mW
220uF
0.47K
1000mA
0.250
250mW
330uF
0.47K


Podobny numer części - TS19377

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

Podobny opis - TS19377

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS19378 TSC-TS19378_15 Datasheet
274Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
TS19373 TSC-TS19373 Datasheet
386Kb / 7P
   800mA Buck (Step-down) WLED Driver
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
   2A STEP-DOWN DC-DC BUCK CONVERTER
AP3402 DIODES-AP3402 Datasheet
474Kb / 10P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
LA8303 ETC-LA8303 Datasheet
503Kb / 20P
   300KHz, 2A/23V Step-Down LED Driver
Jun. 11, 2009
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com