Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS19451CYRMG Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części TS19451CYRMG
Szczegółowy opis  AC/DC WLED Driver with Internal MOSFET Universal Switch Mode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19451CYRMG Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19451CYRMG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19451CYRMG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19451CYRMG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19451CYRMG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19451CYRMG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19451CYRMG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19451CYRMG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS19451
AC/DC WLED Driver with Internal MOSFET
Universal Switch Mode
1/7
Version: B11
SOT-89
General Description
The TS19451 is a PWM high efficiency LED driver control IC. It allows efficient operation of LED strings from
voltage source ranging up to 400VDC. It includes an internal high voltage switching MOSFET controlled with fixed
off-time of approximately 10.5µS.
The LED string is driven at constant current, thus providing constant light output and enhanced reliability. The
output current is internally fixed at 50mA. The peak current control scheme provides good regulation of the output
current throughout the universal AC line voltage range of 85~264VAC or DC input voltage of 20~400V
Features
Constant output current at 50mA
Universal 85~264VAC operation
Fixed off-time buck converter
Internal 475V power MOSFET
Typical Application Circuit
Application
Decorating LED lighting
Lower power lighting fixtures
Back light of flat panel displays
Ordering Information
Part No.
Package
Packing
TS19451CY RMG
SOT-89
1Kpcs / 7” Reel
Note: “G” denotes for Halogen Free
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Voltage Range
VIN to GND
~ +475
V
Supply Current
IDD
5
mA
Power Dissipation @ TA=25ºC
PD
1300
mW
Operating Ambient Temperature
TOPR
-40 to +85
ºC
Storage Temperature Range
TSTG
-65 to +150
oC
Junction Temperature Range
TJ
-40 to +150
oC
Thermal Resistance – Junction to Ambient
JA
128
oC/W
Note: Stresses beyond those listed under ”Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress rating only, and functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Pin Definition:
1. Drain
2. GND
3. VDD


Podobny numer części - TS19451CYRMG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS19450 TSC-TS19450 Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450 TSC-TS19450 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450CSRL TSC-TS19450CSRL Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450CSRLG TSC-TS19450CSRLG Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450 TSC-TS19450_15 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
More results

Podobny opis - TS19451CYRMG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS19452 TSC-TS19452 Datasheet
203Kb / 7P
   AC/DC WLED Driver with Internal MOSFET
TS19450 TSC-TS19450 Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450 TSC-TS19450_15 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19460 TSC-TS19460 Datasheet
132Kb / 7P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19460 TSC-TS19460_15 Datasheet
353Kb / 9P
   AC/DC WLED Driver with Average-Mode Constant Current Control
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
   AC/DC Programmable Current WLED Driver
logo
Artesyn Technologies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
   25W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3322 ARTESYN-NLP65-3322 Datasheet
52Kb / 3P
   60W AC/DC Universal Input Switch Mode Power Supplies
NFS25 ARTESYN-NFS25 Datasheet
56Kb / 3P
   25W AC/DC Universal Input Switch Mode Power Supplies
NAL40 ARTESYN-NAL40 Datasheet
62Kb / 3P
   40W AC/DC Universal Input Switch Mode Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com