Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS-P Arkusz danych(PDF) 3 Page - Omron Electronics LLC

Numer części SS-P
Szczegółowy opis  SS Series Compatible Mounting
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-P Arkusz danych(HTML) 3 Page - Omron Electronics LLC

  SS-P Datasheet HTML 1Page - Omron Electronics LLC SS-P Datasheet HTML 2Page - Omron Electronics LLC SS-P Datasheet HTML 3Page - Omron Electronics LLC SS-P Datasheet HTML 4Page - Omron Electronics LLC SS-P Datasheet HTML 5Page - Omron Electronics LLC SS-P Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Subminiature Basic Switch
SS-P
105
Engineering Data
■ Mounting Holes
PCB Mounting Dimensions (Reference - uneven spacing)
PCB Mounting Dimensions (Reference - even spacing)
Panel Mounting
All switches may be panel mounted using M2.3 mounting screws with
plane washers or spring washers to securely mount the switch.
Tighten the screws to a torque of 0.23 to 0.26 N·m
■ Contact Form
Dimensions
■ Terminals
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. Terminal plate thickness is 0.5 mm for all models.
Solder Terminals
Quick-connect Terminals (#110)
PCB Terminals (Uneven pitch)
PCB Terminals (Even pitch)
16.1
±0.1
Three, 1.35 to 1.5 dia.
8.8
±0.1
7.62
±0.1 7.62±0.1
Three, 1.35 to 1.5 dia.
9.5
±0.1
Two, 2.4-dia. mounting holes or M2.3 screw holes
COM
NO NC
SPDT
15.5
Three, 1.6-dia. holes
8.55
3.3
±0.1
0.5
7.55
±0.2
2.15
7.3
3-2.8
3.3
±0.1
0.5
7.55
±0.2
11
7.1
7.6
±0.2 7.6±0.2
3-0.8
3-1.2
8.8
±0.2
16.1
±0.2
3.3
±0.1
0.5
1.3
3.9
1.8
7.55
±0.2
(5.25)
1.85
3-0.8
3-1.2
7.62
±0.2 7.62±0.2
3.3
±0.1
0.5
1.3
3.9
1.8
7.55
±0.2
(4.82)


Podobny numer części - SS-P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
logo
Gamewell-FCI by Honeywe...
SS-PD GAMEWELL-FCI-SS-PD Datasheet
225Kb / 4P
   Intelligent Low-Flow Photoelectric Duct Smoke Detectors
SS-PDR GAMEWELL-FCI-SS-PDR Datasheet
225Kb / 4P
   Intelligent Low-Flow Photoelectric Duct Smoke Detectors
More results

Podobny opis - SS-P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sharma Electro Componen...
SS SHARMA-SS Datasheet
340Kb / 2P
   SS Series
logo
E-SWITCH
SS0750301F020P1A E-SWITCH-SS0750301F020P1A Datasheet
1Mb / 2P
   SERIES SS SWITCHES
logo
PHOENIX CONTACT
0321019 PHOENIX-0321019 Datasheet
222Kb / 8P
   URTK/SS
logo
TE Connectivity Ltd
C-5-1419124-7 TEC-C-5-1419124-7 Datasheet
129Kb / 2P
   OSA-SS-DM5,000,000M
logo
RFE international
SS113 RFE-SS113 Datasheet
88Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
logo
Japan Aviation Electron...
FI-S4S JAE-FI-S4S Datasheet
105Kb / 2P
   FI-SS HOUSING
logo
Bel Fuse Inc.
SS-7388H33-NF BEL-SS-7388H33-NF Datasheet
107Kb / 1P
   SS-7388H33-NF
SS-7388H11S-PG4 BEL-SS-7388H11S-PG4 Datasheet
132Kb / 1P
   SS-7388H11S-PG4
logo
Japan Aviation Electron...
FI-S8S JAE-FI-S8S Datasheet
106Kb / 2P
   FI-SS HOUSING
logo
FIBOX Enclosing innovat...
8612004 FIBOX-8612004 Datasheet
38Kb / 1P
   SS Twist Latch
18.07.2023
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com