Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD4S014EVM Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TPD4S014EVM
Szczegółowy opis  Over-voltage protection functionality
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPD4S014EVM Arkusz danych(HTML) 1 Page - Texas Instruments

  TPD4S014EVM Datasheet HTML 1Page - Texas Instruments TPD4S014EVM Datasheet HTML 2Page - Texas Instruments TPD4S014EVM Datasheet HTML 3Page - Texas Instruments TPD4S014EVM Datasheet HTML 4Page - Texas Instruments TPD4S014EVM Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
User
's Guide
SLVU471
– June 2011
TPD4S014 EVM
Introduction
The TPD4S014 is a single-chip solution for USB
charger port protection. This device offers low
capacitance TVS type ESD clamps for the D+, D
and standard Capacitance for the ID pin. On the
VBUS pin, this device can handle over-voltage
protection up to 28V. The over voltage lock-out
feature ensures that, if there is a fault condition at
the VBUS line, the TPD4S014 is able to isolate
the VBUS line and protect the internal circuitry
from damage.
Similarly, the under voltage lock out feature
ensures that there is no power drain from the
internal VCC plane to external VBUS side in case
there is short to GND. There is a 16ms turn-on
delay after VBUS crosses the under voltage
lockout threshold, in order to let the voltage
stabilize before closing the switch. This function
acts as a deglitch filter and prevents unnecessary
switching if there is any ringing on the line during
connection.
Highlighted Features
Over-voltage protection functionality
Under voltage lockout functionality
USB connectors used for ease of use
LED indicating fault condition
Test point for EN and ACK signals
D+, D
– lines are routed as differential pair
Bottom section of board can be used for measurement of bandwidth and ESD performance.
EVM Description and Configuration
The TPD4S014EVM consists of two separate sections, the TOP section and the BOTTOM section. Both
these sections are powered up by a 1.8V
– 3.3V supply. This supply is used for three purposes:
1. To provide the HI and LO logic levels for the EN signal
2. To provide a pullup voltage for the open drain ACK signal
3. To power the fault indicator LED
The TOP section consists of the USB connectors. The connector on the Left (marked INPUT) connects to
the VBUS of the TPD4S014 and the one of the right (marked OUTPUT) connects to the VCC of the
1
SLVU471
– June 2011
TPD4S014 EVM
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Podobny numer części - TPD4S014EVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
TPD4S014 TI1-TPD4S014 Datasheet
2Mb / 17P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD PROTECTION FOR ALL LINES AND
OCTOBER2011
TPD4S014DSQR TI1-TPD4S014DSQR Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
TPD4S014DSQR TI1-TPD4S014DSQR Datasheet
2Mb / 17P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD PROTECTION FOR ALL LINES AND
OCTOBER2011
TPD4S014DSQR TI1-TPD4S014DSQR Datasheet
3Mb / 26P
[Old version datasheet]   USB Charger Port Protection Including ESD Protection for All Lines
More results

Podobny opis - TPD4S014EVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
   Output Over-Voltage Protection Over Temperature Protection
logo
Megawin Technology Co.,...
MG39131AH MEGAWIN-MG39131AH Datasheet
246Kb / 11P
   Over voltage protection
logo
FSP TECHNOLOGY INC.
FSP180-AACM1 FSP-FSP180-AACM1 Datasheet
76Kb / 1P
   Over voltage protection
FSP180-AAAM1 FSP-FSP180-AAAM1 Datasheet
76Kb / 1P
   Over voltage protection
logo
List of Unclassifed Man...
TC-1U35 ETC2-TC-1U35 Datasheet
251Kb / 5P
   OVER-VOLTAGE PROTECTION
logo
FSP TECHNOLOGY INC.
FSP180-ABAM1 FSP-FSP180-ABAM1 Datasheet
79Kb / 1P
   Over voltage protection
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
logo
Megawin Technology Co.,...
MG39132AH MEGAWIN-MG39132AH Datasheet
249Kb / 11P
   Over voltage protection
MG39133AH MEGAWIN-MG39133AH Datasheet
257Kb / 11P
   Over voltage protection
MG39134AH MEGAWIN-MG39134AH Datasheet
259Kb / 11P
   Over voltage protection
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com