Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM6306D131ARJZ1R7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADM6306D131ARJZ1R7
Szczegółowy opis  Multiple Input Programmable Supervisory ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM6306D131ARJZ1R7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADM6306D131ARJZ1R7 Datasheet HTML 4Page - Analog Devices ADM6306D131ARJZ1R7 Datasheet HTML 5Page - Analog Devices ADM6306D131ARJZ1R7 Datasheet HTML 6Page - Analog Devices ADM6306D131ARJZ1R7 Datasheet HTML 7Page - Analog Devices ADM6306D131ARJZ1R7 Datasheet HTML 8Page - Analog Devices ADM6306D131ARJZ1R7 Datasheet HTML 9Page - Analog Devices ADM6306D131ARJZ1R7 Datasheet HTML 10Page - Analog Devices ADM6306D131ARJZ1R7 Datasheet HTML 11Page - Analog Devices ADM6306D131ARJZ1R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM6305/ADM6306
Rev. 0 | Page 8 of 12
THEORY OF OPERATION
The ADM6305/ADM6306 are compact, low power supervisory
circuits capable of monitoring two voltage rails. If a monitored
voltage drops below its associated threshold, the active low reset
output asserts low.
The ADM6305 monitors two supplies via two adjustable
resistor-programmable undervoltage reset inputs. Both RST
IN1 and RST IN2 have a reset threshold of either 0.4 V or
1.23 V depending on the particular model; that is, the RST
IN1 and RST IN2 threshold of the ADM6305DxARJZ model
is 1.23 V, while in the case of ADM6305DxARJZ1 model, it is
0.4 V. The VCC input of the ADM6305 is not a monitored input.
The ADM6306 has one adjustable undervoltage reset input,
RST IN, which features a choice of reset threshold, 0.4 V or
1.23 V (see the Ordering Guide for more information). The
ADM6306 incorporates a variety of internally pretrimmed VCC
undervoltage threshold options for monitoring supply voltages
in increments between 2.5 V to 5 V. The ADM6306 also
includes a manual reset input.
INPUT CONFIGURATION
The threshold voltage at an adjustable input is either 0.4 V or
1.23 V. To monitor a voltage greater than the typical adjustable
threshold, VRSTH, connect a resistor divider network to the
circuit as depicted in Figure 14, where
+
=
R2
R2
R1
V
V
RSTH
TH
R2
R1
VRSTH
VIN
Figure 14. Setting the Adjustable Monitor
The high input impedance (leakage of ±25 nA) of the adjustable
inputs minimizes the offset error caused by the leakage current
and external resistor divider. This allows the user to apply a divider
with large resistance to minimize the loss. The offset voltage
caused by the leakage current is calculated by R1 × ±25 nA.
The RST INx inputs are designed to ignore fast voltage
transients (see Figure 11 and Figure 12). Increase the noise
immunity by connecting a 0.1 µF bypass capacitor between
RST INx and ground. Note that adding capacitance to RST
INx slows the overall response time of the device.
There is no hysteresis associated with the 0.4 V adjustable
inputs; instead, a time-based glitch filter to prevent false
triggering is used. The glitch filter avoids the need to use a
portion of the operating supply range to provide hysteresis
on this input. The ADM6305/ADM6306 are powered via VCC.
Figure 9 shows the maximum transient duration vs. VCC reset
threshold overdrive, for which reset pulses are not generated.
Figure 9 depicts the maximum pulse width that a negative going
VCC transient may typically have without causing RESET to be
asserted. As the amplitude of the transient increases, the
maximum allowable pulse width decreases. The addition of a
bypass capacitor on VCC provides additional transient immunity.
RESET OUTPUT CONFIGURATION
The ADM6305/ADM6306 are available in a choice of four
reset timeouts. Once the monitored supplies rise above their
associated threshold level, the RESET signal remains low for
the reset timeout period before deasserting. Subsequently, if
a monitored supply falls below its associated threshold, the
RESET output reasserts. The open-drain RESET output of the
ADM6305/ADM6306 remains valid as long as VCC exceeds 0.9 V.
The ADM6305 remains in UVLO when VCC is below 1.5 V. The
RESET output is controlled by RTS INx if VCC exceeds 2.5 V.
The open-drain RESET output allows the ADM6305 and
ADM6306 to interface easily with microprocessors and
devices with bidirectional reset pins. Connecting the supervi-
sory devices RESET output directly to the microcontrollers
RESET pin with a single pull-up resistor allows either device
to issue a system reset (see Figure 15).
ADM6305/
ADM6306
RESET
VCC
MICROPROCESSOR
RESET
RPULL-UP
Figure 15. Interfacing to Microprocessors with Bidirectional RESET Output
MANUAL RESET
The ADM6306 features a manual reset input (MR) which, when
driven low, asserts the reset output. When MR transitions from
low to high, reset remains asserted for the duration of the reset
active timeout period before deasserting. The MR input has a
63.5 kΩ internal pull-up resistor so that the input is always
high when unconnected. An external push-button switch can
be connected between MR and ground so that the user can
generate a reset. Debounce circuitry is integrated on-chip for
this purpose. Noise immunity is provided on the MR input,
and fast, negative-going transients of up to 0.1 µs (typical) are
ignored. If required, a 0.1 μF capacitor between MR and ground
provides additional noise immunity.


Podobny numer części - ADM6306D131ARJZ1R7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM6306D131ARJZ1R7 AD-ADM6306D131ARJZ1R7 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
More results

Podobny opis - ADM6306D131ARJZ1R7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
   Multiple Voltage Supervisory ICs
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6305 MAXIM-MAX6305 Datasheet
104Kb / 16P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
TLP290 TOSHIBA-TLP290 Datasheet
553Kb / 10P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com