Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R-78C1.8-1.0 Arkusz danych(PDF) 1 Page - Recom International Power

Numer części R-78C1.8-1.0
Szczegółowy opis  1.0 AMP SIP3 Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RECOM [Recom International Power]
Strona internetowa  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78C1.8-1.0 Arkusz danych(HTML) 1 Page - Recom International Power

  R-78C1.8-1.0 Datasheet HTML 1Page - Recom International Power R-78C1.8-1.0 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INNOLINE
DC/DC-Converter
with 3 year Warranty
R-78C-1.0
www.recom-international.com
I-19
REV:1/2011
EN-60950-1 Certified
RoHS
2002/95/EC
6/6
1.0 AMP
SIP3
Single Output
Efficiency up to 96%, no need for heatsinks!
Pin-out compatible with LM78XX Linear Regs.
Low profile (L*W*H=11.6*8.5*10.4mm)
Wide input range (5V ~ 42V)
Short circuit protection, thermal shutdown
Non standard outputs available as specials
Low ripple and noise
See Innoline App Notes for use as a positive-to-
negative inverter (alternative to 79xx regulator)
Features
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Range
Voltage
Current
Min. Vin
Max. Vin
SIP3
(V)
(V)
(A)
(%)
(%)
R-78C1.8-1.0
5 – 42
1.8
1.0
80
71
R-78C3.3-1.0
7 – 42
3.3
1.0
89
79
R-78C5.0-1.0
8 – 42
5
1.0
93
85
R-78C9.0-1.0
12 – 42
9
1.0
95
90
R-78C12-1.0
15 – 42
12
1.0
96
92
R-78C15-1.0
18 – 42
15
1.0
96
94
120
100
20
60
100
75
0
-40
Operating Temperature (°C)
0
80
50
25
68
Safe Operating Area
85
40
Derating-Graph
(Ambient Temperature)
Characteristics
Conditions
Min.
Typ.
Max.
Input Voltage Range
All Series
Vout+3V
42V
Output Voltage Range
All Series
1.8V
15V
Output Current
All Series
0mA*
1000mA
Output Current Limit
All Series
3000mA
Short Circuit Input Current (Vin =24V)
All Series
65mA
No Load Input Current
1mA
Short Circuit Protection
Continuous, automatic recovery
Output Voltage Accuracy (At 100% Load)
All Series
±2%
±3%
Line Regulation (100% Load, Vin max.)
All Series
0.2%
Load Regulation (10 to 100% full load)
All Series
0.4%
Dynamic Load Stability
100% <-> 50% load
±75mV
100% <-> 10% load
±200mV
Ripple & Noise (20Mhz BW Limited)
Vin = 24V, Vout =1.8V-15V
75mVp-p 100mVp-p
With 10µF MLCC output capacitor
Full Load
30mVp-p
Temperature Coefficient
-40°C ~ +85°C ambient
0.015%/°C
Max capacitance Load
with normal start-up time, no external components
470µF
with <1 second start up time + diode protection circuit
6800µF
Switching Frequency
350kHz
Operating Temperature Range
-40°C
+85°C
Maximum Case Temperature
+100°C
Storage Temperature Range
-55°C
+125°C
Case Thermal Impendance
70°C/W
Thermal Shutdown
Internal IC junction
+160°C
Conducted Emissions (with filter)
EN55022
Class B
Radiated Emissions (with filter)
EN55022
Class B
ESD
EN61000-4-2
Class A
Radiated Immunity
EN61000-4-3
Class A
Fast Transient
EN61000-4-4
Class A
Conducted Immunity
EN61000-4-6
Class A
Magnetic Field Immunity
EN61000-4-8
Class A
Package Weight
2g
Packing Quantity
42 pcs per Tube
Specifications ( typical at 25°C, 10% minimum load, unless otherwise specified )
The R-78Cxx-1.0 series switching regulators
are ideally suited to replace 1 Amp 78xx
linear regulators and are pin compatible.
Efficiencies of up to 96% means that very
little energy is wasted as heat and the high
input voltage is a useful feature.
Description


Podobny numer części - R-78C1.8-1.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
96Kb / 2P
   1.0 AMP SIP3 Single Output
More results

Podobny opis - R-78C1.8-1.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78C-1.0 RECOM-R-78C-1.0 Datasheet
96Kb / 2P
   1.0 AMP SIP3 Single Output
R-78E-1.0 RECOM-R-78E-1.0 Datasheet
311Kb / 3P
   1.0 AMP SIP3 Single Output
R-78K-1.0 RECOM-R-78K-1.0 Datasheet
1Mb / 8P
   1.0 Amp SIP3 Single Output
REV.: 0/2023
R-78B-1.0 RECOM-R-78B-1.0 Datasheet
123Kb / 4P
   1.0 AMP SIP3 Single Output
R-781.8-1.0 RECOM-R-781.8-1.0 Datasheet
101Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B-1.0 RECOM-R-78B-1.0_15 Datasheet
93Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com