Zakładka z wyszukiwarką danych komponentów |
|
NBXSBB021 Arkusz danych(PDF) 3 Page - ON Semiconductor |
|
NBXSBB021 Arkusz danych(HTML) 3 Page - ON Semiconductor |
3 / 6 page NBXSBA021, NBXSBB021 http://onsemi.com 3 Table 5. DC CHARACTERISTICS (VDD = 3.3 V ± 10%, GND = 0 V, TA = −40°C to +85°C) (Note 2) Symbol Characteristic Conditions Min. Typ. Max. Units IDD Power Supply Current (Note 2) 75 100 mA VIH OE Input HIGH Voltage 2000 VDD mV VIL OE Input LOW Voltage GND − 300 800 mV IIH Input HIGH Current OE −100 +100 mA IIL Input LOW Current OE −100 +100 mA VOH Output HIGH Voltage (Note 2) VDD = 3.3 V VDD−1195 2105 VDD−945 2355 mV VOL Output LOW Voltage (Note 2) VDD = 3.3 V VDD−1945 1355 VDD−1600 1700 mV VOUTPP Output Voltage Amplitude (Note 2) 700 mV NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 Ifpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 2. Measurement taken with outputs terminated with 50 ohm to VDD−2 V. See Figure 4. |
Podobny numer części - NBXSBB021 |
|
Podobny opis - NBXSBB021 |