Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD103ATW Arkusz danych(PDF) 1 Page - Micro Commercial Components

Numer części SD103ATW
Szczegółowy opis  200mW SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD103ATW Arkusz danych(HTML) 1 Page - Micro Commercial Components

  SD103ATW Datasheet HTML 1Page - Micro Commercial Components SD103ATW Datasheet HTML 2Page - Micro Commercial Components SD103ATW Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
200mW
Features
Maxim um Ratings
Symbol
Rating
Rating
Unit
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
40
V
VR(RMS)
RMS Reverse Voltage
28
V
IFM
Forward Continuous Current(note.1)
350
mA
IO
Average Rectified Output Current(note.1)
175
mA
IFSM
Peak Forward Surge Current @t<=10ms
1.0
A
R©JA
Thermal Resistance Junction to Ambient
500
/W
PD
Power dissipation
200
mW
TJ
Junction Temperature
125
TSTG
Storage Temperature
-55 to +125
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Test Conditions
V(BR)
Reverse Breakdown Voltage
40V
---
IR=100
­A(note.2)
IR
Reverse Voltage Leakage
Current(note.2)
2
­A
5
­A
VR=10V
VR=30V
VF
Forward Voltage(note.2)
----
----
0.27V
0.32V
0.37V
0.50V
IF=1.0mA
IF=5.0mA
IF=20mA
IF=100mA
CT
Total Capacitance
---
50pF
VR=0V, f=1MHZ
trr
Reverse Recovery Time
---
10.0ns
IF=IR=200mA,
Irr=0.1*IR,RL=100
Revision:
A
20
11/01/01
J
M
A
C
B
G
H
K
D
L
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
SD103ATW
DIMENSIONS
TM
Micro Commercial Components
SCHOTTKY BARRIER
DIODE
·
Low Forward Voltage Drop
·
Guard Ring Construction for
Transient Protection
·
Fast Switching
·
Low Leakage Current
·
Three Fully Isolated Schottky Diodes
----
----
W
Notes: 1. This is the maximum rating of single Diode (D1 or D2 or D3). In the case of using two or three diodes, the maximum ratings per diode are 75% of the
ratings for single diode operation.
2. Short duration test pulse used to minimize self-heating effect.
SOT-363
---
Marking: KLL
www.mccsemi.com
1 of 3
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.00
6
.01
4
0.1
5
0.3
5
B
.045
.053
1.15
1.35
C
.0
85
.0
96
2.
15
2.
45
D
.026
0.65Nominal
G
.0
47
.0
55
1.20
1.40
H
.071
.087
1.80
2.20
J
---
.004
---
0.10
K
.035
.0
43
0.90
1.
10
L
.010
.01
8
0.2
6
0.4
6
M
.00
3
.0
06
0.
08
0.
15
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Podobny numer części - SD103ATW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
SD103ATW DIODES-SD103ATW Datasheet
55Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 1 - 2
logo
Nanjing International G...
SD103ATW DGNJDZ-SD103ATW Datasheet
1Mb / 4P
   S0T-363 Plastic-Encapsulate Diodes
logo
Diodes Incorporated
SD103ATW DIODES-SD103ATW Datasheet
83Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 6 - 2
SD103ATW DIODES-SD103ATW Datasheet
122Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 9 - 2
logo
SeCoS Halbleitertechnol...
SD103ATW SECOS-SD103ATW Datasheet
140Kb / 2P
   Surface Mount Schottky Diode Array
More results

Podobny opis - SD103ATW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
   200mW SCHOTTKY BARRIER Diode
BAT46WS MCC-BAT46WS Datasheet
306Kb / 3P
   Schottky Barrier Diode 200mW
BAT42WS MCC-BAT42WS Datasheet
209Kb / 2P
   Schottky Barrier Diode 200mW
BAS40DW-06 MCC-BAS40DW-06 Datasheet
221Kb / 3P
   200mW SCHOTTKY BARRIER Diode
SD103ATW MCC-SD103ATW_13 Datasheet
181Kb / 3P
   200mW SCHOTTKY BARRIER DIODE
BAS70TW MCC-BAS70TW_13 Datasheet
217Kb / 3P
   200mW SCHOTTKY BARRIER Diode
BAT42WS MCC-BAT42WS_14 Datasheet
347Kb / 3P
   Schottky Barrier Diode 200mW
BAS40TW MCC-BAS40TW_14 Datasheet
320Kb / 3P
   200mW 40Volt Schottky Barrier Diode
BAS40TW-TP MCC-BAS40TW-TP Datasheet
255Kb / 3P
   200mW 40Volt Schottky Barrier Diode
logo
Shanghai Lunsure Electr...
BAT42WS CHENYI-BAT42WS Datasheet
51Kb / 1P
   Schottky barrier switching diode 200mw
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com