Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMEPR30-4864AZ Arkusz danych(PDF) 2 Page - AIMTEC

Numer części AMEPR30-4864AZ
Szczegółowy opis  up to 2.5A | AC-DC LED driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30-4864AZ Arkusz danych(HTML) 2 Page - AIMTEC

  AMEPR30-4864AZ Datasheet HTML 1Page - AIMTEC AMEPR30-4864AZ Datasheet HTML 2Page - AIMTEC AMEPR30-4864AZ Datasheet HTML 3Page - AIMTEC AMEPR30-4864AZ Datasheet HTML 4Page - AIMTEC AMEPR30-4864AZ Datasheet HTML 5Page - AIMTEC AMEPR30-4864AZ Datasheet HTML 6Page - AIMTEC AMEPR30-4864AZ Datasheet HTML 7Page - AIMTEC AMEPR30-4864AZ Datasheet HTML 8Page - AIMTEC AMEPR30-4864AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Series AMEPR30-AZ
up to 2.5A | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.J
2 of 13
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
130
KHz
Over current protection
95-110% of Iout
Over voltage protection
110% of Vout
Short circuit protection
Continuous
Short circuit restart
Auto recovery
Over temperature protection
>105°C
Operating temperature
With derating over 55°C
-40 to +85
oC
Maximum case temperature
100
oC
Storage temperature
-40 to +95
oC
Temperature coefficient
±0.02
% /
oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Plastic
Potting
Epoxy (IP67 rated)
Wires
UL1015 18AWG * 20CM
Weight
350
g
Dimensions
5.30 x 2.27 x 1.59 inches
134.80 x 57.68 x 40.50 mm
MTBF
>400,000 hrs (MIL-HDBK-217F at +25°C)
Safety Specifications
Parameters
Agency approvals
cULus, CE
Standards
UL8750, UL60950-1, EN55022, class B, EN60529(IP68), EN61347-1, EN61347-2-13
Dimensions
57.68
(2.27)
134.80
(5.30)
40.50
(1.59)
161.30
(6.35)
200.00
(8.00)
200.00
(8.00)
2.30
(0.09)
40.50
(1.59)
60.00
(2.36)
16.75
(0.66)
End View
Top View
Side View
32.00
(1.26)
Input/Output Wires are 18 AWG 20cm
NOTE: to adjust the output current connect a 20K Ohm pot between blue and white wire


Podobny numer części - AMEPR30-4864AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMEPR30-4864AZ AIMTEC-AMEPR30-4864AZ Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30-4864AZ AIMTEC-AMEPR30-4864AZ Datasheet
1Mb / 15P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
More results

Podobny opis - AMEPR30-4864AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMEOR30-5070AZ AIMTEC-AMEOR30-5070AZ Datasheet
960Kb / 14P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEOR30-AZ AIMTEC-AMEOR30-AZ_16 Datasheet
762Kb / 15P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_13 Datasheet
884Kb / 14P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30C-5070AZ AIMTEC-AMEPR30C-5070AZ_15 Datasheet
760Kb / 17P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30-5070AZ AIMTEC-AMEPR30-5070AZ Datasheet
1Mb / 15P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com