Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMEPR60-AZ Arkusz danych(PDF) 2 Page - AIMTEC

Numer części AMEPR60-AZ
Szczegółowy opis  up to 5A | AC-DC LED driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR60-AZ Arkusz danych(HTML) 2 Page - AIMTEC

  AMEPR60-AZ Datasheet HTML 1Page - AIMTEC AMEPR60-AZ Datasheet HTML 2Page - AIMTEC AMEPR60-AZ Datasheet HTML 3Page - AIMTEC AMEPR60-AZ Datasheet HTML 4Page - AIMTEC AMEPR60-AZ Datasheet HTML 5Page - AIMTEC AMEPR60-AZ Datasheet HTML 6Page - AIMTEC AMEPR60-AZ Datasheet HTML 7Page - AIMTEC AMEPR60-AZ Datasheet HTML 8Page - AIMTEC AMEPR60-AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Series AMEPR60-AZ
up to 5A | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.J
2 of 11
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
130
KHz
Over current protection
95-110% of Iout
Over voltage protection
110% of Vout
Short circuit protection
Continuous
Short circuit restart
Auto recovery
Over temperature protection
>105°C
Operating temperature
With derating over 55°C
-40 to +85
oC
Maximum case temperature
100
oC
Storage temperature
-40 to +95
oC
Temperature coefficient
±0.02
% /
oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Plastic
Potting
Epoxy (IP67 rated)
Wires
UL1015 18AWG *20CM
Weight
350
g
Dimensions (L X H X W)
5.30 x 2.27 x 1.59 inches
134.80 x 57.68 x 40.50 mm
MTBF
>400,000 hrs (MIL-HDBK-217F at +25°C)
Safety Specifications
Parameters
Agency approvals
cULus CE
Standards
UL8750, UL60950-1, EN55022, class B, EN60529(IP68), EN61347-1, EN61347-2-13
Dimensions
57.68
(2.27)
134.80
(5.30)
40.50
(1.59)
161.30
(6.35)
200.00
(8.00)
200.00
(8.00)
2.30
(0.09)
40.50
(1.59)
60.00
(2.36)
16.75
(0.66)
End View
Top View
Side View
32.00
(1.26)
Input/Output Wires are 18 AWG 20cm


Podobny numer części - AMEPR60-AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
More results

Podobny opis - AMEPR60-AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMER120-AZ AIMTEC-AMER120-AZ Datasheet
900Kb / 9P
   up to 5A | AC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ Datasheet
477Kb / 11P
   up to 5A | AC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-50120AZ AIMTEC-AMEOR60-50120AZ Datasheet
977Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ_17 Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com