Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST1S09 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części ST1S09
Szczegółowy opis  2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09 Arkusz danych(HTML) 5 Page - STMicroelectronics

  ST1S09_10 Datasheet HTML 1Page - STMicroelectronics ST1S09_10 Datasheet HTML 2Page - STMicroelectronics ST1S09_10 Datasheet HTML 3Page - STMicroelectronics ST1S09_10 Datasheet HTML 4Page - STMicroelectronics ST1S09_10 Datasheet HTML 5Page - STMicroelectronics ST1S09_10 Datasheet HTML 6Page - STMicroelectronics ST1S09_10 Datasheet HTML 7Page - STMicroelectronics ST1S09_10 Datasheet HTML 8Page - STMicroelectronics ST1S09_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ST1S09
Maximum ratings
Doc ID 13632 Rev 4
5/18
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN_SW
Positive power supply voltage
-0.3 to 7
V
VIN_A
Positive power supply voltage
-0.3 to 7
V
VINH
Inhibit voltage (I version)
-0.3 to VI + 0.3
V
SWITCH Voltage
Max. voltage of output pin
-0.3 to 7
V
VFB
Feedback voltage
-0.3 to 3
V
PG
Power Good open drain
-0.3 to 7
V
TJ
Max junction temperature
-40 to 150
°C
TSTG
Storage temperature range
-65 to 150
°C
TLEAD
Lead temperature (soldering) 10 sec
260
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
10
°C/W
RthJA
Thermal resistance junction-ambient
55
°C/W
Table 5.
ESD performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD protection voltage
HBM
2
kV
ESD
ESD protection voltage
MM
500
V


Podobny numer części - ST1S09_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST1S09APU STMICROELECTRONICS-ST1S09APU Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09APU STMICROELECTRONICS-ST1S09APU Datasheet
417Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
ST1S09IPU STMICROELECTRONICS-ST1S09IPU Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09IPU STMICROELECTRONICS-ST1S09IPU Datasheet
417Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
ST1S09PU STMICROELECTRONICS-ST1S09PU Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
More results

Podobny opis - ST1S09_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09 STMICROELECTRONICS-ST1S09 Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09 STMICROELECTRONICS-ST1S09_08 Datasheet
417Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
   Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
   Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
333Kb / 21P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
logo
List of Unclassifed Man...
BD9721FV ETC-BD9721FV Datasheet
81Kb / 2P
   1 CHANNEL STEP DOWN PWM SWITCHING REGULATOR CONTROLLER WITH SYNCHRONOUS RECTIFICATION
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
   4A step-down switching regulator with synchronous rectification
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
   1.5 A, 1.5 MHz adjustable, step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com