Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL26134AVZ-T7A Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL26134AVZ-T7A
Szczegółowy opis  Low-Noise 24-bit Delta Sigma ADC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26134AVZ-T7A Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL26134AVZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL26134AVZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL26134AVZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL26134AVZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL26134AVZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL26134AVZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL26134AVZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL26134AVZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL26134AVZ-T7A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ISL26132, ISL26134
8
FN6954.1
September 9, 2011
Typical Characteristics
FIGURE 2. NOISE AT GAIN = 1, 10Sps
FIGURE 3. NOISE HISTOGRAM AT GAIN = 1, 10Sps
FIGURE 4. NOISE AT GAIN = 2, 10Sps
FIGURE 5. NOISE HISTOGRAM AT GAIN = 2, 10Sps
FIGURE 6. NOISE AT GAIN = 64, 10Sps
FIGURE 7. NOISE HISTOGRAM AT GAIN = 64, 10Sps
-10
-5
0
5
10
0
200
400
600
800
1000
GAIN = 1
RATE = 10Sps
TIME (SAMPLES)
0
50
100
150
200
250
300
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
OUTPUT CODE (LSB)
GAIN = 1, N = 1024
RATE = 10Sps
STD DEV = 1.635 LSB
VREF = 2.5V
-10
-5
0
5
10
0
200
400
600
800
1000
TIME (SAMPLES)
GAIN = 2
RATE = 10Sps
0
50
100
150
200
250
-8
-6
-4
-2
0
2
4
6
8
GAIN = 2, N = 1024
RATE = 10Sps
STD DEV = 1.989 LSB
VREF = 2.5V
OUTPUT CODE (LSB)
-15
-10
-5
0
5
10
15
20
0
200
400
600
800
1000
TIME (SAMPLES)
GAIN = 64
RATE = 10Sps
0
20
40
60
80
100
120
-20
-15
-10
-5
0
5
10
15
20
GAIN = 64, N = 1024
RATE = 10Sps
STD DEV = 4.627 LSB
VREF = 2.5V
OUTPUT CODE (LSB)


Podobny numer części - ISL26134AVZ-T7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL26134AVZ-T7A INTERSIL-ISL26134AVZ-T7A Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
logo
Renesas Technology Corp
ISL26134AVZ-T7A RENESAS-ISL26134AVZ-T7A Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
More results

Podobny opis - ISL26134AVZ-T7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Renesas Technology Corp
ISL26102 RENESAS-ISL26102 Datasheet
1Mb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26132AVZ INTERSIL-ISL26132AVZ Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
logo
Analog Devices
AD7731 AD-AD7731_15 Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731BRUZ AD-AD7731BRUZ Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731 AD-AD7731 Datasheet
411Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. 0
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com