Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMJ-23L Arkusz danych(PDF) 1 Page - Sanken electric

Numer części FMJ-23L
Szczegółowy opis  Silicon Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMJ-23L Arkusz danych(HTML) 1 Page - Sanken electric

  FMJ-23L_11 Datasheet HTML 1Page - Sanken electric FMJ-23L_11 Datasheet HTML 2Page - Sanken electric FMJ-23L_11 Datasheet HTML 3Page - Sanken electric FMJ-23L_11 Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANKEN ELECTRIC CO., LTD.
FMJ-23L
031010
1/4
61426-01
1. Scope
The present specifications shall apply to an FMJ-23L.
2. Outline
Type
Silicon Schottky Barrier Diode
Structure
Resin Molded
Flammability:UL94V-0(Equivalent)
Applications
High Frequency Rectification, etc.
3. Absolute maximum ratings
No.
Item
Symbol Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
30
2
Peak Reverse Voltage
VRM
V
30
3
Average Forward Current
IF(AV)
A
10
c=111℃, sinewave
4
Peak Surge Forward Current
IFSM
A
100
Half sinewave, one shot
5
I2t Limiting Value
I2t
A2s
50
6
Junction Temperature
Tj
40∼ +150
7
Storage Temperature
Tstg
40∼ +150
Screwing Torque
N・m
0.59
Dielectric Strength
kV
A.C. 1.0
Junction and case (1 min.)
4. Electrical characteristics (Ta=25℃, unless otherwise specified)
No.
Item
Symbol Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
0.45 max.
IF=5.0A
2
Reverse Leakage Current
IR
mA
5.0 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR1
mA
50 max.
VR=VRM, Tj=125℃
H・IR2
mA
250 max.
VR=VRM, Tj=150℃
4
Thermal Resistance
Rth(j-c)
/W
4.0 max.
Between junction and case


Podobny numer części - FMJ-23L_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
FMJ-23L SANKEN-FMJ-23L Datasheet
18Kb / 1P
   10A Schottky barrier diode in TO220F package
FMJ-23L SANKEN-FMJ-23L Datasheet
75Kb / 2P
   Schottky Barrier Diodes
FMJ-23L SANKEN-FMJ-23L Datasheet
213Kb / 4P
   Silicon Schottky Barrier Diode
More results

Podobny opis - FMJ-23L_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
E208931_HSC278 HITACHI-E208931_HSC278 Datasheet
71Kb / 7P
   Silicon Schottky Barrier Diode
HSB226YP HITACHI-HSB226YP Datasheet
23Kb / 5P
   Silicon Schottky Barrier Diode
logo
Nanjing International G...
1N60P DGNJDZ-1N60P Datasheet
75Kb / 1P
   SILICON SCHOTTKY BARRIER DIODE
logo
National Semiconductor ...
HPC36164 NSC-HPC36164 Datasheet
348Kb / 5P
   Silicon Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
SD784WS SEMTECH_ELEC-SD784WS Datasheet
176Kb / 3P
   SILICON SCHOTTKY BARRIER DIODE
logo
Guangdong Kexin Industr...
HSM276S KEXIN-HSM276S Datasheet
36Kb / 1P
   Silicon Schottky Barrier Diode
HRW0503A KEXIN-HRW0503A Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
HSM88WA KEXIN-HSM88WA Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
logo
Sanken electric
FMW-24L SANKEN-FMW-24L Datasheet
228Kb / 5P
   Silicon Schottky Barrier Diode
RK36 SANKEN-RK36 Datasheet
142Kb / 5P
   Silicon Schottky Barrier Diode
SJPA-D3 SANKEN-SJPA-D3 Datasheet
128Kb / 5P
   Silicon Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com