Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC848 Arkusz danych(PDF) 1 Page - Diotec Semiconductor

Numer części BC848
Szczegółowy opis  Surface Mount General Purpose Si-Epi-Planar Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOTEC [Diotec Semiconductor]
Strona internetowa  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC848 Arkusz danych(HTML) 1 Page - Diotec Semiconductor

  BC848 Datasheet HTML 1Page - Diotec Semiconductor BC848 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC846 ... BC850
BC846 ... BC850
NPN
Surface Mount General Purpose Si-Epi-Planar Transistors
Si-Epi-Planar Universaltransistoren für die Oberflächenmontage
NPN
Version 2011-07-07
Dimensions - Maße [mm]
1 = B
2 = E
3 = C
Power dissipation – Verlustleistung
250 mW
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
BC846
BC847
BC850
BC848
BC849
Collector-Emitter-volt. – Kollektor-Emitter-Spannung
B open
VCEO
65 V
45 V
30 V
Collector-Base-voltage – Kollektor-Basis-Spannung
E open
VCBO
80 V
50 V
30 V
Emitter-Base-voltage – Emitter-Basis-Spannung
C open
VEBO
6 V
5 V
Power dissipation – Verlustleistung
Ptot
250 mW 1)
Collector current – Kollektorstrom (dc)
IC
100 mA
Peak Collector current – Kollektor-Spitzenstrom
ICM
200 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis
VCE = 5 V, IC = 10 µA
Group A
Group B
Group C
hFE
hFE
hFE
90
150
270
VCE = 5 V, IC = 2 mA
Group A
Group B
Group C
hFE
hFE
hFE
110
200
420
180
290
520
220
450
800
Collector-Emitter saturation voltage – Kollektor-Sättigungsspannung 2)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VCEsat
VCEsat
90 mV
200 mV
250 mV
600 mV
Base-Emitter saturation voltage – Basis-Sättigungsspannung 2)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VBEsat
VBEsat
700 mV
900 mV
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
0.4
2.9 ±0.1
1
2
3
Type
Code
1.9


Podobny numer części - BC848

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
BC848 KEC-BC848 Datasheet
360Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
Fairchild Semiconductor
BC848 FAIRCHILD-BC848 Datasheet
68Kb / 3P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Shenzhen Luguang Electr...
BC848 LUGUANG-BC848 Datasheet
2Mb / 4P
   NPN general purpose Transistor
logo
Fairchild Semiconductor
BC848 FAIRCHILD-BC848 Datasheet
149Kb / 5P
   NPN Epitaxial Silicon Transistor
logo
Weitron Technology
BC848 WEITRON-BC848 Datasheet
517Kb / 9P
   NPN/PNP Dual General Purpose Transistors
More results

Podobny opis - BC848

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotec Semiconductor
BCW29 DIOTEC-BCW29_07 Datasheet
101Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT4403 DIOTEC-MMBT4403 Datasheet
99Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BC856 DIOTEC-BC856_11 Datasheet
99Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BC856W DIOTEC-BC856W_07 Datasheet
99Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5401 DIOTEC-MMBT5401_07 Datasheet
111Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5401 DIOTEC-MMBT5401_15 Datasheet
108Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BCP54 DIOTEC-BCP54_07 Datasheet
108Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5551 DIOTEC-MMBT5551_15 Datasheet
99Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BCW31 DIOTEC-BCW31_07 Datasheet
101Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BC817 DIOTEC-BC817_07 Datasheet
116Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BC846W DIOTEC-BC846W_11 Datasheet
98Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com