Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLA7029M Arkusz danych(PDF) 2 Page - Sanken electric

Numer części SLA7029M
Szczegółowy opis  2-Phase Excitation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7029M Arkusz danych(HTML) 2 Page - Sanken electric

  SLA7029M Datasheet HTML 1Page - Sanken electric SLA7029M Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
91
ICs
SLA7022MU/SLA7029M/SMA7022MU/SMA7029M
■Internal Block Diagram
■Typical Connection Diagram (Recommended component values)
6
Reg
Reg
15
8
14
7
23
4
12
1311
9
10
15
+
+
+
+
81
6
10
15
VS
RSA REFA REFB RSB
GA
GB
73 13
94
12
C4
r6
r5
r2
r1
r4
r3
C1
C2
TdA
TdB
INA
INB
INA
INB
5
14
+
VCC (46V max)
Vb (5V)
Rs
Rs
C3
11
2
Open
collector
tdA
tdB
Excitation signal time chart
2-phase excitation
clock
012301
INA
HH
L
L
H
H
INB
LH
HL
L
H
1-2 phase excitation
clock
0
1
2
3
4
5
6
7
0
1
2
3
INA
HH
H
H
L
L
LL
H
H
H
H
tdA
LL
L
H
L
L
LH
L
L
L
H
INB
LL
H
H
HH
LLL
L
H
H
tdB
LH
L
L
L
H
LLL
H
L
L
●tdA and tdB are signals before the inverter
stage.
r1 : 510Ω
C1 : 330 to 500pF
r2 : 100Ω (VR)
C2 : 330 to 500pF
r3 : 47kΩ
C3 : 2200pF
r4 : 47kΩ
C4 : 2200pF
r5 : 2.4kΩ
Rs : 1.8Ω typ (7022MU)
r6 : 2.4kΩ
1Ω typ (7029M)
(1~2W)
1, 6, 10, 15pin
Description of pins
Excitation input signal
Active H
OUT A
OUT A
OUT B
OUT B
1pin
6pin
10pin
15pin
Active L
OUT A
OUT A
OUT B
OUT B
■External Dimensions (ZIP15 with Fin [SLA15Pin] /ZIP15[SMA15Pin])
31±0.2
24.4±0.2
16.4±0.2
3.2±0.15
φ
Part No.
Lot No.
3.2±0.15×3.8
φ
4.8±0.2
1.7±0.1
2.45±0.2
R-End
0.55
+0.2
–0.1
4±0.7
1.15
+0.2
–0.1
14×P2.03±0.7=28.42±1.0
0.65
+0.2
–0.1
31.3±0.2
Forming No. No.853
12 3 ....... 15
12 3 ....... 15
Forming No. No.855
14×P2.03±0.4=28.42±0.8
0.65
+0.2
–0.1
2.2±0.4
6.3±0.6
7.5±0.6
Epoxy resin package
1.15
+0.2
–0.1
(Unit:mm)
SLA7022MU/SLA7029M
SMA7022MU/SMA7029MA
31±0.2
Part No.
Lot No.
4±0.2
2.5±0.2
1.45±0.15
0.55
+0.2
–0.1
4±0.7
P2.03±0.1×14=28.42
0.65
+0.2
–0.1
Forming No. No.1054
12 3
15
12 3
15
Forming No. No.1055
P2.03±0.1×14=28.42
1.16±0.15
1.2±0.1
(5.9)
1.16
+0.2
–0.1
0.62±0.1
(7.5)
Epoxy resin package
31.3
+0.2
.......
.......
Product Mass : Approx.6g
Product Mass : Approx.4g


Podobny numer części - SLA7029M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SLA7029M SANKEN-SLA7029M Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7029M SANKEN-SLA7029M Datasheet
59Kb / 2P
   2-Phase Excitation
SLA7029M SANKEN-SLA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
More results

Podobny opis - SLA7029M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SLA7022MU SANKEN-SLA7022MU_10 Datasheet
59Kb / 2P
   2-Phase Excitation
SLA7027MU SANKEN-SLA7027MU_10 Datasheet
59Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7027MU SANKEN-SLA7027MU_11 Datasheet
86Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7024M SANKEN-SLA7024M Datasheet
68Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7031M SANKEN-SLA7031M Datasheet
445Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7070MPRT SANKEN-SLA7070MPRT Datasheet
66Kb / 2P
   2-Phase/1-2 Phase Excitation Support, Built-in Sequencer
logo
Sanyo Semicon Device
LB1937T SANYO-LB1937T Datasheet
225Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB1937T ONSEMI-LB1937T Datasheet
187Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1936V SANYO-LB1936V Datasheet
145Kb / 5P
   1-2 Phase Excitation Stepping Motor Driver
logo
Sanken electric
SLA7042M SANKEN-SLA7042M_10 Datasheet
53Kb / 2P
   2W1-2 Phase Excitation/Micro-step Support
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com