Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLA7027MU Arkusz danych(PDF) 1 Page - Sanken electric

Numer części SLA7027MU
Szczegółowy opis  2-Phase/1-2 Phase Excitation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7027MU Arkusz danych(HTML) 1 Page - Sanken electric

  SLA7027MU_11 Datasheet HTML 1Page - Sanken electric SLA7027MU_11 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
94
ICs
1-2-1 2-Phase Stepper Motor Unipolar Driver ICs
Parameter
Symbol
Ratings
Unit
SLA7027MU
SLA7024M
SLA7026M
Motor Supply Voltage
VCC
46
V
FET Drain-Source Voltage
VDSS
100
V
Control Supply Voltage
VS
46
V
Input Voltage
VIN
7V
Reference Voltage
VREF
2V
Output Current
IO
1
1.5
3
A
Power Dissipation
PD1
4.5 (Without Heatsink)
W
PD2
35 (TC=25°C)
W
Channel Temperature
Tch
+150
°C
Storage Temperature
Tstg
–40 to +150
°C
■Electrical Characteristics
(Ta=25°C)
Ratings
Parameter
Symbol
SLA7027MU
SLA7024M
SLA7026M
Unit
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
Control Supply Current
IS
10
15
10
15
10
15
mA
Condition
VS=44V
VS=44V
VS=44V
Control Supply Voltage
VS
10
24
44
10
24
44
10
24
44
V
FET Drain-Source Voltage
VDSS
100
100
100
V
Condition
VS=44V, IDSS=250µAVS=44V, IDSS=250µAVS=44V, IDSS=250µA
FET ON Voltage
VDS
0.85
0.6
0.85
V
Condition
ID=1A, VS=14V
ID=1A, VS=14V
ID=3A, VS=14V
FET Drain Leakage Current
IDSS
44
4
mA
Condition
VDSS=100V, VS=44V
VDSS=100V, VS=44V
VDSS=100V, VS=44V
FET Diode Forward Voltage
VSD
1.2
1.1
2.3
V
Condition
ID=1A
ID=1A
ID=3A
IIH
40
40
40
µA
TTL Input Current
Condition
VIH=2.4V, VS=44V
VIH=2.4V, VS=44V
VIH=2.4V, VS=44V
IIL
–0.8
–0.8
–0.8
mA
Condition
VIL=0.4V, VS=44V
VIL=0.4V, VS=44V
VIL=0.4V, VS=44V
VIH
222
TTL Input Voltage
Condition
ID=1A
ID=1A
ID=3A
V
(Active High)
VIL
0.8
0.8
0.8
Condition
VDSS=100V
VDSS=100V
VDSS=100V
VIH
222
TTL Input Voltage
Condition
VDSS=100V
VDSS=100V
VDSS=100V
V
(Active Low)
VIL
0.8
0.8
0.8
Condition
ID=1A
ID=1A
ID=3A
Tr
0.5
0.5
0.5
Condition
VS=24V, ID=0.8A
VS=24V, ID=1A
VS=24V, ID=1A
Switching Time
Tstg
0.7
0.7
0.7
µs
Condition
VS=24V, ID=0.8A
VS=24V, ID=1A
VS=24V, ID=1A
Tf
0.1
0.1
0.1
Condition
VS=24V, ID=0.8A
VS=24V, ID=1A
VS=24V, ID=1A
■Absolute Maximum Ratings
2-Phase/1-2 Phase Excitation
SLA7027MU/SLA7024M/SLA7026M


Podobny numer części - SLA7027MU_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SLA7027MU SANKEN-SLA7027MU_10 Datasheet
59Kb / 2P
   2-Phase/1-2 Phase Excitation
More results

Podobny opis - SLA7027MU_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SLA7027MU SANKEN-SLA7027MU_10 Datasheet
59Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7024M SANKEN-SLA7024M Datasheet
68Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7031M SANKEN-SLA7031M Datasheet
445Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7022MU SANKEN-SLA7022MU_10 Datasheet
59Kb / 2P
   2-Phase Excitation
SLA7022MU SANKEN-SLA7022MU_11 Datasheet
87Kb / 2P
   2-Phase Excitation
SLA7070MPRT SANKEN-SLA7070MPRT Datasheet
66Kb / 2P
   2-Phase/1-2 Phase Excitation Support, Built-in Sequencer
logo
Sanyo Semicon Device
LB1937T SANYO-LB1937T Datasheet
225Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB1937T ONSEMI-LB1937T Datasheet
187Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1936V SANYO-LB1936V Datasheet
145Kb / 5P
   1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB1936V-TLM-E ONSEMI-LB1936V-TLM-E Datasheet
185Kb / 5P
   1-2 Phase Excitation Stepper Motor Driver
September, 2013
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com