Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES1G Arkusz danych(PDF) 2 Page - Diotec Semiconductor

Numer części ES1G
Szczegółowy opis  Superfast Efficient Surface Mount Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOTEC [Diotec Semiconductor]
Strona internetowa  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ES1G Arkusz danych(HTML) 2 Page - Diotec Semiconductor

  ES1G Datasheet HTML 1Page - Diotec Semiconductor ES1G Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ES1A ... ES1J
Characteristics
Kennwerte
Type
Typ
Reverse recovery time
Sperrverzugszeit
t
rr [ns]
1)
Forward voltage
Durchlass-Spannung
V
F [V]
at / bei
I
F [A]
ES1A...ES1D
< 15
< 0.92
1
ES1F...ES1G
< 25
< 1.3
1
ES1J
< 35
< 1.7
1
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
IR
IR
< 5 µA
< 100 µA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 70 K/W 2)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
< 30 K/W
1
I
F = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
2
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current vs. temp. of the terminals
in Abh. v. d. Temp. der Terminals
Zul. Richtstrom
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
T
150
100
50
0
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
[V]
V
F
10
1
0.1
10
10
-2
-3
ES1A...D
T = 25°C
j
ES1F...G
ES1J


Podobny numer części - ES1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
ES1G PANJIT-ES1G Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Yangzhou yangjie electr...
ES1G YANGJIE-ES1G Datasheet
155Kb / 2P
   Super Fast Recovery Rectifier Diode
logo
YENYO TECHNOLOGY Co., L...
ES1G YENYO-ES1G Datasheet
792Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
logo
Diodes Incorporated
ES1G DIODES-ES1G Datasheet
111Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14001 Rev. 11 - 2
logo
Bytesonic Electronics C...
ES1G BYTESONIC-ES1G Datasheet
255Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
More results

Podobny opis - ES1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotec Semiconductor
ES1A DIOTEC-ES1A_13 Datasheet
108Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
ES1A DIOTEC-ES1A_14 Datasheet
108Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
ES2A DIOTEC-ES2A_13 Datasheet
102Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
MURS320 DIOTEC-MURS320 Datasheet
125Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
ES2ASMA DIOTEC-ES2ASMA Datasheet
105Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
ES3A DIOTEC-ES3A_13 Datasheet
103Kb / 2P
   Superfast Efficient Surface Mount Silicon Rectifier Diodes
MUR860 DIOTEC-MUR860 Datasheet
176Kb / 2P
   Superfast Efficient Rectifier Diodes
UFT800A DIOTEC-UFT800A_17 Datasheet
168Kb / 2P
   Superfast Efficient Rectifier Diodes
MUR420L DIOTEC-MUR420L Datasheet
148Kb / 2P
   Superfast Efficient Rectifier Diodes
MUR420L DIOTEC-MUR420L_18 Datasheet
137Kb / 2P
   Superfast Efficient Rectifier Diodes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com