Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM358 Arkusz danych(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Numer części LM358
Szczegółowy opis  DUAL OPERATIONAL AMPLIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HTC [HTC Korea TAEJIN Technology Co.]
Strona internetowa  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM358 Arkusz danych(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM358_08 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM358_08 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM358_08 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM358_08 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DUAL OPERATIONAL AMPLIFIERS
LM358
TYPICAL PERFORMANCE CHARACTERISTICS
HTC
- 3 -
TEMPERATURE(℃)
-55
-15
45
125
30
50
90
CURRENT LIMITING
SUPPLY VOLTAGE (V
DC)
0
10
20
40
1
4
SUPPLY CURRENT
SUPPLY VOLTAGE(V
DC)
0
0
20
30
40
160
VOLTAGE GAIN
0
10
20
40
60
70
80
-35
5
25
65 85 105
80
120
10
40
3
2
30
TA=0℃TO+125℃
TA=-55℃
RL=20㏀
RL=2㏀
FREQUENCY(㎐)
FREQUENCY(㎐)
0
110
1M
40
140
OPEN-LOOP FREQUENCY
RESPONSE
TIME(㎲)
0
020
30
1
4
VOLTAGE-FOLLOWER PULSE
RESPONSE
0
1
10
40
120
100
100
V+=10℃ TO 15V
DCAND
-55℃≤TA≤+125℃
RL=≥2KV
+=15V
DC
80
60
20
1K
10K
100K
10M
V+=30VDCAND
-55℃≤TA≤+125℃
V0
-
+
V+
10M
VIN
0.1㎌
V+/2
0
5
20
LARGE-SIGNAL FREQUENCY
RESPONSE
15
10
2
3
2
3
1K
10K
100K
1M
V0
-
+
15V
DC
100K
VIN
1K
+7V
VD
2K
IO
+-OUTPUT SOURCE CURRENT (㎃
DC)
0.001
0.01
100
2
3
7
OUTPUT CHARACTERISITICS
CURRENT SOURCING
t-TIME(㎲)
01
2
4
250
400
VOLTAGE-FOLLOWER PULSE
RESPONSE (SMALL-SIGNAL)
1
4
5
6
0.1
1
10
350
300
3
V
+=30V
DC
TA=+25℃
450
500
EO
50㎊
eIN
INPUT
OUTPUT
8
+V+/2
+
-
V
+
V
2
I
O
TA=+25℃
INDEPENDENT OF V
+
IO
+-OUTPUT SINK CURRENT (㎃
DC)
0.001
0.01
100
0.1
OUTPUT CHARACTERISITICS
CURRENT SINKING
0.01
1
0.1
1
10
10
V
+/2
-
+
V
+
V
0
I
O
TA=+25℃
V
+=+5V
DC
V
+=+15V
DC
V
+=+30V
DC
0
8
7
6
5


Podobny numer części - LM358_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LM358 ONSEMI-LM358_04 Datasheet
137Kb / 14P
   Single Supply Dual Operational Amplifiers
July, 2004 ??Rev. 18
logo
Unisonic Technologies
LM358 UTC-LM358_05 Datasheet
258Kb / 7P
   DUAL OPERATIONAL AMPLIFIER
More results

Podobny opis - LM358_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com