Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM29151 Arkusz danych(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Numer części LM29151
Szczegółowy opis  1.5A Very L.D.O Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HTC [HTC Korea TAEJIN Technology Co.]
Strona internetowa  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29151 Arkusz danych(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  LM29151 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM29151 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM29151 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29151 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29151 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29151 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29151 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM29151 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM29151 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1.5A Very L.D.O Voltage Regulator
LM29150/29151/29152
Nov. 2009 - Rev. 1.2
- 5
-
HTC
TYPICAL APPLICATION
- Typical Fixed Output Application
VIN
OUT
GND
COUT
+
5V ± 5%
3.3V ± 1% @ 1.5A
LM29150-3.3
CIN
+
- Typical Adjustable Output Application
VIN
OUT
EN
ADJ
GND
COUT
+
R1
R2
CIN
+
VOUT
VIN
LM29152
VOUT = VREF x [1 + (R1/R2)] *
* For best results, the total series resistance should be small enough to pass the minimum regulator load current.


Podobny numer części - LM29151

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HTC Korea TAEJIN Techno...
LM29151 HTC-LM29151 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM29151-1.5 HTC-LM29151-1.5 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM29151-12 HTC-LM29151-12 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM29151-2.5 HTC-LM29151-2.5 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM29151-3.0 HTC-LM29151-3.0 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
More results

Podobny opis - LM29151

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com