Zakładka z wyszukiwarką danych komponentów |
|
LM29150T-1.8 Arkusz danych(PDF) 7 Page - HTC Korea TAEJIN Technology Co. |
|
LM29150T-1.8 Arkusz danych(HTML) 7 Page - HTC Korea TAEJIN Technology Co. |
7 / 11 page 1A Low-Voltage Low-Dropout Regulator LM39100/39101/39102 Nov. 2010 - Rev. 1.5.1 - 7 - HTC LM39102 Only Reference Voltage 1.228 1.215 1.24 1.252 1.265 V V (Note 9) 1.203 1.277 V Adjust Pin Bias Current 40 80 120 nA nA Reference Voltage Temp. Coefficient (Note 4) 20 ppm/ °C Adjust Pin Bias Current Temp. Coefficient 0.1 99.2 nA/ °C Note 1. Exceeding the absolute maximum ratings may damage the device. Note 2. The device is not guaranteed to function outside its operating rating. Note 3. PD (max)= (TJ (max) - TA) ÷ θJA, where θJA -junction-to-ambient thermal resistance. Note 4. Output voltage temperature coefficient is ΔVOUT (worst case) ÷ (TJ(max) - TJ(min)) where TJ(max) is +125°C and TJ(min) is 0°C. Note 5. VDO = VIN - VOUT when VOUT decreases to 99% of its nominal output voltage with VIN = VOUT + 1V. For output voltages below 2.25V, dropout voltage is the input-to-output voltage differential with the minimum input voltage being 2.25V. Minimum input operating voltage is 2.25V. Note 6. IGND is the quiescent current. IIN = IGND + IOUT. Note 7. Delay time is measured after VEN=VIN. CIN=COUT=10μF. Note 8. For adjustable device and fixed device with VOUT ≥ 2.5V Note 9. VREF ≤ VOUT ≤ (VIN - 1V), 2.25V ≤ VIN ≤ 16V, 10mA ≤ IL ≤ 1 A. |
Podobny numer części - LM29150T-1.8 |
|
Podobny opis - LM29150T-1.8 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |