Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM29151T-3.3 Arkusz danych(PDF) 10 Page - HTC Korea TAEJIN Technology Co.

Numer części LM29151T-3.3
Szczegółowy opis  1.5A Very L.D.O Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HTC [HTC Korea TAEJIN Technology Co.]
Strona internetowa  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29151T-3.3 Arkusz danych(HTML) 10 Page - HTC Korea TAEJIN Technology Co.

Back Button LM29151T-3.3 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29151T-3.3 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29151T-3.3 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29151T-3.3 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29151T-3.3 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM29151T-3.3 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM29151T-3.3 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM29151T-3.3 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM29151T-3.3 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
1A Low-Voltage Low-Dropout Regulator
LM39100/39101/39102
Nov. 2010 - Rev. 1.5.1
- 10
-
HTC
APPLICATION INFORMATION
The LM39100/1/2 is a high-performance low-dropout voltage regulator suitable for moderate to high-current
voltage regulator applications. Its 630mV dropout voltage at full load and over temperature makes it especially
valuable in battery-powered systems and as high-efficiency noise filters in post-regulator applications. Unlike
older NPN-pass transistor de-signs, where the minimum dropout voltage is limited by the base-to-emitter
voltage drop and collector-to-emitter saturation voltage, dropout performance of the PNP output of these
devices is limited only by the low VCE saturation voltage. A trade-off for the low dropout voltage is a varying
base drive requirement.
The LM39100/1/2 regulator is fully protected from damage due to fault conditions. Linear current limiting is
provided. Output current during overload conditions is constant. Thermal shutdown disables the device when
the die temperature exceeds the maximum safe operating temperature. Transient protection allows device
(and load) survival even when the input voltage spikes above and below nominal. The output structure of
these regulators allows voltages in excess of the desired output voltage to be applied without reverse current
flow.
Output Capacitor
The LM39100/1/2 requires an output capacitor to maintain stability and improve transient response. Proper
capacitor selection is important to ensure proper operation. The LM39100/1/2 output capacitor selection is
dependent upon the ESR (equivalent series resistance) of the output capacitor to maintain stability. When
the output capacitor is 10μF or greater, the output capacitor should have an ESR less than 2Ω. This will
improve transient response as well as promote stability. Ultra-low-ESR capacitors, such as ceramic chip
capacitors, may promote instability or may cause an oscillation and/or under damped transient response. In
this case, minimum 20uF of output capacitance is required. A low-ESR solid tantalum capacitor works
extremely well and provides good transient response and stability over temperature. Aluminum electrolytic
capacitor can also be used, as long as the ESR of the capacitor is <2Ω. The value of the output capacitor can
be increased without limit. Higher capacitance values help to improve transient response and ripple rejection
and reduce output noise.
Input Capacitor
An input capacitor of 1μF or greater is recommended when the device is more than 4 inches away from the
bulk ac supply capacitance or when the supply is a battery. In the case of ceramic chip capacitor, 10uF
capacitance is recommended. Larger values will help to improve ripple rejection by bypassing the input to
the regulator, further improving the integrity of the output voltage.
Error Flag
The LM39101 features an error flag (FLG), which monitors the output voltage and signals an error condition
when this voltage drops 5% below its expected value. The error flag is an open-collector output that pulls low
under fault conditions and may sink up to 10mA. Low output voltage signifies a number of possible problems,
including an over current fault (the device is in current limit) or low input voltage. The flag output is inoperative
during over temperature conditions. A pull-up resistor from FLG to either VIN or VOUT is required for proper
operation. For information regarding the minimum and maximum values of pull-up resistance, refer to the
graph in the typical characteristics section of the data sheet.


Podobny numer części - LM29151T-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HTC Korea TAEJIN Techno...
LM29151T-3.3 HTC-LM29151T-3.3 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
More results

Podobny opis - LM29151T-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com