Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431-AZ Arkusz danych(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Numer części TL431-AZ
Szczegółowy opis  PROGRAMMABLE PRECISION SHUNT REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HTC [HTC Korea TAEJIN Technology Co.]
Strona internetowa  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL431-AZ Arkusz danych(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  TL431-AZ Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL431-AZ Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL431-AZ Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL431-AZ Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL431-AZ Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL431-AZ Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL431-AZ Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TL431-AZ Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TL431-AZ Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431Z/AZ/CZ
2009 – Obsolete
- 2 -
HTC
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Cathode Voltage
VKA
VREF
40
V
Cathode Current
IK
0.5
100
mA
Ordering Information
VREF
Package
Tolerance
Order No.
Package Marking
Status
TL431CZ
Obsolete
0.5%
TL431CZTA
TL431-CZ
Obsolete
TL431AZ
Obsolete
1%
TL431AZTA
TL431-AZ
Obsolete
TL431Z
Obsolete
TO-92
2%
TL431ZTA
TL431Z
Obsolete
0.5%
TL431CZSF
Obsolete
1%
TL431AZSF
Obsolete
SOT-23
2%
TL431ZSF
431Z
Obsolete
0.5%
TL431CZF
Obsolete
1%
TL431AZF
Obsolete
2.495V
SOT-89
2%
TL431ZF
431Z
Obsolete
Package Type
: Bulk
: TO-92
: SOT-23
: SOT-89
Tolerance
CZ : 0.5%
AZ : 1%
Z : 2%
Root Name
TL 431 CZ SF
Product Code
Blank
TA
SF
F


Podobny numer części - TL431-AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TL431-AZ ETC2-TL431-AZ Datasheet
574Kb / 15P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431-AZSF ETC2-TL431-AZSF Datasheet
574Kb / 15P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results

Podobny opis - TL431-AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TL431Z ETC2-TL431Z Datasheet
574Kb / 15P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TJR431A HTC-TJR431A Datasheet
161Kb / 4P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431 HTC-TL431_10 Datasheet
671Kb / 12P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431X MCC-TL431X Datasheet
690Kb / 2P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
LM431 HTC-LM431 Datasheet
284Kb / 9P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431KLP MCC-TL431KLP Datasheet
299Kb / 4P
   Programmable Precision Shunt Regulator
TL431X MCC-TL431X_11 Datasheet
628Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP_13 Datasheet
185Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP Datasheet
124Kb / 3P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TJ431 HTC-TJ431 Datasheet
188Kb / 5P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com