Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100ES8014 Arkusz danych(PDF) 2 Page - Integrated Device Technology

Numer części MC100ES8014
Szczegółowy opis  Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

MC100ES8014 Arkusz danych(HTML) 2 Page - Integrated Device Technology

  MC100ES8014 Datasheet HTML 1Page - Integrated Device Technology MC100ES8014 Datasheet HTML 2Page - Integrated Device Technology MC100ES8014 Datasheet HTML 3Page - Integrated Device Technology MC100ES8014 Datasheet HTML 4Page - Integrated Device Technology MC100ES8014 Datasheet HTML 5Page - Integrated Device Technology MC100ES8014 Datasheet HTML 6Page - Integrated Device Technology MC100ES8014 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC100ES8014
MOTOROLA
2
TIMING SOLUTIONS
Table 1. Pin Description
Pin
Function
CLK0, CLK0
HSTL Data Inputs
CLK1, CLK1
PECL Data Inputs
Q[0:4], Q[0:4]
HSTL Data Outputs
CLK_SEL
LVCMOS Active Clock Select Input
EN
LVCMOS Sync Enable
VCC
Positive Supply of device core (3.3V)
VCCO
Positive power supply of the HSTL outputs. All VCCO pins must be connected to the positive
power supply (1.5V or 1.8V) for correct DC and AC operation.
VEE
Negative Supply
nc
no connect
Table 2. Function Table
Control
Default
0
1
CLK_SEL
0
CLK0, CLK0 (HSTL) is the active differential clock
input
CLK1, CLK1 (PECL) is the active differential clock
input
EN
0
Q[0:4], Q[0:4] are active. Deassertion of EN can be
asynchronous to the reference clock without
generation of output runt pulses.
Q[0:4] = L, Q[0:4] = H (outputs disabled). Assertion of
EN can be asynchronous to the reference clock
without generation of output runt pulses.
Table 3. General Specifications
Characteristics
Value
Internal Input Pulldown Resistor
TBD
Internal Input Pullup Resistor
TBD
ESD Protection
Human Body Model
Machine Model
TBD
θ
JA Thermal Resistance (Junction to Ambient)
0 LFPM, 8 SOIC
500 LFPM, 8 SOIC
TBD
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Table 4. Absolute Maximum Ratings1
1.
Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these conditions
or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated conditions is not
implied.
Symbol
Parameter
Conditions
Rating
Unit
VSUPPLY
Power Supply Voltage
Difference between VCC & VEE
3.9
V
VIN
Input Voltage
VCC – VEE ≤ 3.6V
VCC + 0.3
VEE – 0.3
V
V
IOUT
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
–40 to +85
°C
TSTG
Storage Temperature Range
–65 to +150
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
MC100ES8014
Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
NETCOM
IDT™ Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MC100ES8014
2


Podobny numer części - MC100ES8014

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC100ES8111 MOTOROLA-MC100ES8111 Datasheet
174Kb / 12P
   Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES8111 RENESAS-MC100ES8111 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
MC100ES8111AC RENESAS-MC100ES8111AC Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
MC100ES8111ACR2 RENESAS-MC100ES8111ACR2 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
MC100ES8111FA RENESAS-MC100ES8111FA Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
More results

Podobny opis - MC100ES8014

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC100ES7111 MOTOROLA-MC100ES7111 Datasheet
129Kb / 8P
   LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
logo
Renesas Technology Corp
MC100ES8111 RENESAS-MC100ES8111 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
logo
Motorola, Inc
MC100ES8111 MOTOROLA-MC100ES8111 Datasheet
174Kb / 12P
   Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
logo
Cypress Semiconductor
CY2DL1510 CYPRESS-CY2DL1510 Datasheet
371Kb / 15P
   1:10 Differential LVDS Fanout Buffer
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
logo
Renesas Technology Corp
ICS854S015I-01 RENESAS-ICS854S015I-01 Datasheet
1Mb / 28P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
OCTOBER 4, 2011
logo
Integrated Device Techn...
ICS854S015I-01 IDT-ICS854S015I-01 Datasheet
940Kb / 27P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
logo
ON Semiconductor
MC100LVE210 ONSEMI-MC100LVE210 Datasheet
121Kb / 8P
   Low Voltage Dual 1:4, 1:5 Differential Fanout Buffer
February, 2000 ??Rev. 2
logo
Cypress Semiconductor
CY2DL1504_1105 CYPRESS-CY2DL1504_1105 Datasheet
315Kb / 14P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com