Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LFU10-100-382-2 Arkusz danych(PDF) 1 Page - ice Components, Ins.

Numer części LFU10-100-382-2
Szczegółowy opis  Line Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ICE [ice Components, Ins.]
Strona internetowa  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LFU10-100-382-2 Arkusz danych(HTML) 1 Page - ice Components, Ins.

  LFU10-100-382-2 Datasheet HTML 1Page - ice Components, Ins. LFU10-100-382-2 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
BBB- CCC -DE
4
1
2
3
1
2
3
4
13.0
10.0
4
1
2
3
BBB CCC DE
1
2
3
4
13.0
10. 0
Features
• Broad frequency attenuation
• UU cores for compact design
• Wide selection available
• Custom designs available
LFu10 vertical
Applications
• Off-Line Switch Mode Power
Supplies
• Conducted EMI Filters
• Office Equipment
• Medical Equipment
Packaging
Horizontal: Tray=100 pieces, Box=12 trays, Box=1200 pieces
Vertical:
Tray=110 pieces, Box=12 trays, Box=1320 pieces
LFu10 Horizontal
Part Number
Inductance1
Inductance1
DCR
Rated5
SRF
(mH nom.)
(mH min.)
(
Ω max.)
Current (A)
(kHz, typ.)
LFU10-055-153-2_
21.68
15.18
1.100
0.55
254
LFU10-080-782-2_
11.11
7.78
0.550
0.8
426
LFU10-100-382-2_
5.42
3.79
0.300
1.0
617
LFU10-130-202-2_
2.87
2.01
0.150
1.3
803
LFU10-170-781-2_
1.12
0.78
0.075
1.7
1614
LFU10-220-711-2_
1.01
0.71
0.060
2.2
2025
LFU10-060-902-4_
12.94
9.06
0.850
0.6
626
LFU10-090-312-4_
4.49
3.14
0.350
0.9
1219
LFU10-130-182-4_
2.51
1.76
0.190
1.3
1636
LFU10-180-112-4_
1.61
1.13
0.120
1.8
2191
LFU10-230-501-4_
0.71
0.50
0.060
2.3
4315
LFU10-300-281-4_
0.40
0.28
0.040
3.0
4440
Electrical Specifications
1. Tested at 1 kHz,
0.1 Vrms, series.
2. Electrical specs at 25˚ C.
3. Operating range: -40˚ C
to +130˚ C.
4. Meets UL 94V-0.
5. Rated current produces
a temperature rise of 40˚ C.
6. Specify H or V at end of part
number for Horizontal or
Vertical core arrangement.
Top View
Schematic
Front View
Side View
Top View
Schematic
Front View
Side View
18.5 max
21.5
max
4.0+/-0.5
color dot
for pin 1
17.0 max
0.7 dia
18.5 max
16.5
max
4.0+/-0.5
color dot
for pin 1
18.0 max
6.0 max
0.7 dia
3.8 max
units: mm
LFu10 Series
Line Filters
62
(04/08) LFU10-1


Podobny numer części - LFU10-100-382-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ice Components, Ins.
LFU10-100-382-2 ICE-LFU10-100-382-2 Datasheet
233Kb / 2P
   Line Filters
More results

Podobny opis - LFU10-100-382-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
LFU16 ICE-LFU16 Datasheet
267Kb / 2P
   Line Filters
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com