Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCP160T Arkusz danych(PDF) 1 Page - BeRex Corporation

Numer części BCP160T
Szczegółowy opis  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BEREX [BeRex Corporation]
Strona internetowa  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP160T Arkusz danych(HTML) 1 Page - BeRex Corporation

  BCP160T Datasheet HTML 1Page - BeRex Corporation BCP160T Datasheet HTML 2Page - BeRex Corporation BCP160T Datasheet HTML 3Page - BeRex Corporation BCP160T Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.berex.com
BeRex, Inc. 1735 North 1
st Street #302 San Jose, CA 95112 tel. (408) 452-5595
September 2011
Specifications are subject to change without notice. ©BeRex 2011
Rev. 1.2
BCP160T
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP (.25µm x 1600µm)
The BeRex BCP160T is a GaAs Power pHEMT with a nominal 0.25 micron gate length and 1600 micron gate width
making the product ideally suited for applications where high-gain and medium power in the 1000 MHz to 26.5
GHz frequency range are required. The product may be used in either wideband (6-18 GHz) or narrow-band
applications. The BCP160T is produced using state of the art metallization with SI3N4 passivation and is screened to
assure reliability
.
PRODUCT FEATURES
33 dBm Typical Output Power
10.5 dB Typical Gain @ 12 GHz
0.25 X 1600 Micron Recessed Gate
APPLICATIONS
Commercial
Military / Hi-Rel.
Test & Measurement
ELECTRICAL CHARACTERISTIC (TUNED FOR POWER) Ta = 25° C
SYMBOL
PARAMETER/TEST CONDITIONS
TEST
FREQ.
MIN.
TYPICAL
MAX.
UNIT
P1dB
Output Power @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHZ
32.0
33.0
dBm
G1dB
Gain @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHZ
9.5
10.5
dB
PAE
PAE @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHZ
60
%
Idss
Saturated Drain Current (Vgs = 0V, Vds = 1.0V)
320
480
640
mA
Gm
Transconductance (Vds = 3V, Vgs = 50% Idss)
640
mS
Vp
Pinch-off Voltage (Ids = 1.6 mA, Vds = 2V)
-2.5
-1.1
-0.5
V
BVgd
Drain Breakdown Voltage (Ig = 1.6 mA, source open)
-15
-12
V
BVgs
Source Breakdown Voltage (Ig = 1.6 mA, drain open)
-13
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
33
°C/W


Podobny numer części - BCP160T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BeRex Corporation
BCP160T BEREX-BCP160T Datasheet
403Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP160T BEREX-BCP160T_15 Datasheet
403Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results

Podobny opis - BCP160T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BeRex Corporation
BCP030C BEREX-BCP030C Datasheet
318Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP120C BEREX-BCP120C Datasheet
371Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060C BEREX-BCP060C Datasheet
326Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T_15 Datasheet
436Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP030T BEREX-BCP030T Datasheet
622Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF120T BEREX-BCF120T_18 Datasheet
430Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF080T BEREX-BCF080T_18 Datasheet
382Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060C BEREX-BCP060C_18 Datasheet
336Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP080C BEREX-BCP080C_18 Datasheet
337Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C Datasheet
294Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF120T BEREX-BCF120T Datasheet
390Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com